Nombre de pieza
         Descripción
OMR117

 100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR ( 6 Page)


ETC
100% 
Zoom Out Zoom In
   
 1 page
background image
100K Rad Tolerant Three Terminal,
Precision Adjustable Positive Voltage
Regulator In Hermetic Packages
100 kRAD RADIATION TOLERANT 1.5 AMP
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVNH
OMR117AHVNM
OMR117AHVST
OMR117AHVSR
FEATURES
• Electrically Similar To Industry Standard LM117AHV
• Adjustable Output Voltage
• Built In Thermal Overload Protection
• Short Circuit Current Limiting
• Available In Four Hermetic Package Styles
• Maximum Output Voltage Tolerance Is Guaranteed to + 1%
• Radiation Tolerant up to 150 K Rad (Si)
• Available Hi-Rel Screened, Class B and Class S, MIL-STD-883
DESCRIPTION
These three terminal positive regulators are supplied in high density hermetically sealed
packages and available Hi-Rel screened. All protective features are designed into the circuit,
including thermal shutdown, current-limiting, and safe-area control. With heat sinking, these
devices can deliver up to 1.5 amps of output current. These units also feature output voltages
that can be fixed from 1.2 volts to 57 volts using external resistors. These devices are ideally
suited for Space applications where small size, high reliability, and radiation tolerance is
required. The high level of Radiation Tolerance of these devices makes them a desirable
choice for LEO and many MEO and GEO communication satellites. Radiation testing is
performed on a single wafer by wafer basis. Random die samples per wafer are selected,
packaged and radiation tested to qualify each individual semiconductor wafer-by-wafer.
ABSOLUTE MAXIMUM RATINGS T
c @ 25°C
Power Dissipation: TO-205 . ......................................... 1.1 W
TO-257/SMD/ D2 Pac ................ ............................ 20 W
Input - Output Voltage Differential . .................................. 60 V
Operating Junction Temperature Range . ....................- 55°C to + 150°C
Storage Temperature Range . .............................- 65°C to + 150°C
Lead Temperature (Soldering 10 seconds) . .......................... 300°C
Thermal Resistance, Junction to Case:
TO-205 . ..................................................... 17°C/W
TO-257(Isolated), D2 Pac (Isolated).. ................................. 4.2°C/W
TO-257 (Non-Isolated) and SMD-1 . . . . ...... . .................... 3.5°C/W
Maximum Output Current: TO-205. ....... ............................
.5 A
Case-All Others . . .................. ............................. 1.5A
Recommended Operating Conditions:
Output Voltage Range . . . ................................. .1.2 to 57 VDC
Input Voltage Range . ................................. 4.25 to 61.25 VDC
Radiation Tolerant - Total Dose . ......................... ...... 100 K Rad (Si)
Surface Mount Package Soldering Temperature . ......................... .250°C
Please see mechanical
outlines herein
0 04 R2
Supersedes 9 12 R1
OMR117
4/4/2000
11:46 AM
Page 1
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
OMR7805300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IP1171.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS 1 2 3 4 Seme LAB
OM7646SMSURFACE MOUNT POSITIVE ADJUSTABLE 1.5 AMP VOLTAGE REGULATOR 1 2 List of Unclassifed Manufacturers
COM117HVTCOMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR HIGH VOLTAGE 1 2 List of Unclassifed Manufacturers
OM1320STM1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 1 2 3 4 List of Unclassifed Manufacturers
OM7654SMSURFACE MOUNT 1.5 AMP HIGH VOLTAGE POSITIVE AND NEGATIVE ADJUSTABLE REGULATOR 1 2 3 4 List of Unclassifed Manufacturers
OMR7905300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
OMR1033SR20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
OM1321SMM1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402 1 2 3 4 List of Unclassifed Manufacturers
OM7620ST1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR 1 2 3 4 List of Unclassifed Manufacturers

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl