Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N1135 Datasheet(PDF) 10 Page - Vishay Siliconix

No. de pieza 6N1135
Descripción Electrónicos  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N1135 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 6N1135 Datasheet HTML 2Page - Vishay Siliconix 6N1135 Datasheet HTML 3Page - Vishay Siliconix 6N1135 Datasheet HTML 4Page - Vishay Siliconix 6N1135 Datasheet HTML 5Page - Vishay Siliconix 6N1135 Datasheet HTML 6Page - Vishay Siliconix 6N1135 Datasheet HTML 7Page - Vishay Siliconix 6N1135 Datasheet HTML 8Page - Vishay Siliconix 6N1135 Datasheet HTML 9Page - Vishay Siliconix 6N1135 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.vishay.com
10
Document Number 83909
Rev. 1.5, 26-Oct-04
6N1135/ 6N1136
Vishay Semiconductors
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and
operatingsystems with respect to their impact on the health and safety of our employees and the public, as
well as their impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are
known as ozone depleting substances (ODSs).
The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs
and forbid their use within the next ten years. Various national and international initiatives are pressing for an
earlier ban on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use
of ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments
respectively
2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency (EPA) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design
and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each
customer application by the customer. Should the buyer use Vishay Semiconductors products for any
unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all
claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal
damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423


Número de pieza similar - 6N1135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
6N1135 VISHAY-6N1135 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N1135-X007 VISHAY-6N1135-X007 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
More results

Descripción similar - 6N1135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com