Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC11651 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza 74AC11651
Descripción Electrónicos  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74AC11651 Datasheet(HTML) 6 Page - Texas Instruments

  74AC11651 Datasheet HTML 1Page - Texas Instruments 74AC11651 Datasheet HTML 2Page - Texas Instruments 74AC11651 Datasheet HTML 3Page - Texas Instruments 74AC11651 Datasheet HTML 4Page - Texas Instruments 74AC11651 Datasheet HTML 5Page - Texas Instruments 74AC11651 Datasheet HTML 6Page - Texas Instruments 74AC11651 Datasheet HTML 7Page - Texas Instruments 74AC11651 Datasheet HTML 8Page - Texas Instruments 74AC11651 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74AC11651
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCAS135 – MARCH 1990 – REVISED APRIL 1993
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 2)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
45
0
45
MHz
tw
Pulse duration, CLK high or low
10
10
ns
tsu
Setup time, A or B before CLKAB
↑ or CLKBA↑
6.5
6.5
ns
th
Hold time, A or B after CLKAB
↑ or CLKBA↑
0
0
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 2)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
90
0
90
MHz
tw
Pulse duration, CLK high or low
5.5
5.5
ns
tsu
Setup time, A or B before CLKAB
↑ or CLKBA↑
4.5
4.5
ns
th
Hold time, A or B after CLKAB
↑ or CLKBA↑
0.5
0.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
45
45
MHz
tPLH
AorB
BorA
3.2
7.7
12.1
3.2
14
ns
tPHL
A or B
B or A
4.3
9.5
14.6
4.3
16.1
ns
tPLH
CLKBA or CLKAB
AorB
4.6
9.8
15
4.6
17.2
ns
tPHL
CLKBA or CLKAB
A or B
5.4
11.5
17.5
5.4
19.2
ns
tPLH
SBA or SAB†
AorB
3.8
8.6
13.3
3.8
15.3
ns
tPHL
(A or B high)
A or B
4.8
10.2
15.5
4.8
17.1
ns
tPLH
SBA or SAB†
AorB
3.4
8.1
12.7
3.4
14.6
ns
tPHL
(A or B low)
A or B
5
10.3
15.5
5
17.1
ns
tPZH
OEBA
A
4.6
9.8
14.9
4.6
16.9
ns
tPZL
OEBA
A
5.3
12.1
18.9
5.3
21.3
ns
tPHZ
OEBA
A
4.4
6.6
8.8
4.4
9.2
ns
tPLZ
OEBA
A
3.8
5.8
7.8
3.8
8.1
ns
tPZH
OEAB
B
4.9
10.2
15.5
4.9
17.6
ns
tPZL
OEAB
B
5.5
12.2
18.8
5.5
21.2
ns
tPHZ
OEAB
B
4.4
6.7
8.9
4.4
9.3
ns
tPLZ
OEAB
B
3.5
5.7
7.8
3.5
8
ns
† These parameters are measured with the internal output state of the storage register opposite to that of the bus input.


Número de pieza similar - 74AC11651

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74AC11651 TI1-74AC11651 Datasheet
158Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651DW TI1-74AC11651DW Datasheet
158Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651 TI1-74AC11651_10 Datasheet
158Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results

Descripción similar - 74AC11651

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2953 TI1-SN74BCT2953 Datasheet
92Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11652 TI-74ACT11652 Datasheet
147Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11648 TI1-74ACT11648 Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651 TI1-74AC11651_10 Datasheet
158Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2952 TI1-SN74BCT2952 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651 TI1-74ACT11651 Datasheet
145Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI-74AC11646 Datasheet
121Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC646 TI-SN74LVC646 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11648 TI1-74AC11648_10 Datasheet
139Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com