Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7105-40AIE Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza BUK7105-40AIE
Descripción Electrónicos  TrenchPLUS standard level FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7105-40AIE Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BUK7105-40AIE Datasheet HTML 7Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 8Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 9Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 10Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 11Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 12Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 13Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 14Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors
BUK71/7905-40AIE
TrenchPLUS standard level FET
Product data
Rev. 04 — 6 February 2004
11 of 16
9397 750 12341
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.
Package outline
Fig 18. SOT426 (D2-PAK).
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT426
0
2.5
5 mm
scale
Plastic single-ended surface mounted package (Philips version of D2-PAK); 5 leads
(one lead cropped)
SOT426
e
e
e
e
E
b
A1
A
A1
Lp
bc
D
max.
e
A
UNIT
DIMENSIONS (mm are the original dimensions)
E
11
mm
4.50
4.10
1.40
1.27
0.85
0.60
0.64
0.46
2.90
2.10
HD
15.80
14.80
Q
2.60
2.20
10.30
9.70
D1
1.60
1.20
1.70
98-12-14
99-06-25
1
3
24
5
mounting
base
D1
HD
D
Q
Lp
c


Número de pieza similar - BUK7105-40AIE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7105-40AIE NXP-BUK7105-40AIE Datasheet
223Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05-9 February 2009
logo
Nexperia B.V. All right...
BUK7105-40AIE NEXPERIA-BUK7105-40AIE Datasheet
338Kb / 16P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 9 February 2009
More results

Descripción similar - BUK7105-40AIE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7107-40ATC PHILIPS-BUK7107-40ATC Datasheet
322Kb / 16P
   TrenchPLUS standard level FET
Rev. 01-9 August 2002
logo
Guangdong Kexin Industr...
KUK7105-40AIE KEXIN-KUK7105-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
KUK7105-40ATE KEXIN-KUK7105-40ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
logo
NXP Semiconductors
BUK7L06-34ARC PHILIPS-BUK7L06-34ARC Datasheet
318Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7C08-55AITE PHILIPS-BUK7C08-55AITE Datasheet
313Kb / 15P
   TrenchPLUS standard level FET
Rev. 01-19 August 2003
BUK7L11-34ARC PHILIPS-BUK7L11-34ARC Datasheet
108Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7108-40AIE PHILIPS-BUK7108-40AIE Datasheet
332Kb / 16P
   TrenchPLUS standard level FET
Rev. 02-24 October 2003
logo
Guangdong Kexin Industr...
KUK7107-55ATE KEXIN-KUK7107-55ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7107-55AIE KEXIN-KUK7107-55AIE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7108-40AIE KEXIN-KUK7108-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com