Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7611-55A Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BUK7611-55A
Descripción Electrónicos  TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7611-55A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK7611-55A Datasheet HTML 2Page - NXP Semiconductors BUK7611-55A Datasheet HTML 3Page - NXP Semiconductors BUK7611-55A Datasheet HTML 4Page - NXP Semiconductors BUK7611-55A Datasheet HTML 5Page - NXP Semiconductors BUK7611-55A Datasheet HTML 6Page - NXP Semiconductors BUK7611-55A Datasheet HTML 7Page - NXP Semiconductors BUK7611-55A Datasheet HTML 8Page - NXP Semiconductors BUK7611-55A Datasheet HTML 9Page - NXP Semiconductors BUK7611-55A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Philips Semiconductors
BUK7511-55A; BUK7611-55A
TrenchMOS™ standard level FET
Product specification
Rev. 01 — 1 February 2001
6 of 15
9397 750 07817
© Philips Electronics N.V. 2001. All rights reserved.
Source-drain diode
VSD
source-drain (diode forward)
voltage
IS =25A;VGS =0V;
Figure 15
0.85
1.2
V
trr
reverse recovery time
IS =20A; dIS/dt = −100 A/µs
VGS = −10 V; VDS =30V
62
ns
Qr
recovered charge
140
nC
Table 5:
Characteristics…continued
Tj =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tj =25 °C; tp = 300 µsTj =25 °C; ID =25A
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Drain-source on-state resistance as a function
of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03nd23
0
50
100
150
200
250
300
350
400
02
46
8
10
VDS (V)
ID
(A)
VGS (V) =
20
4.5
5.5
6.5
7.5
8.5
9.5
10
12
14
18
16
03nd22
6
8
10
12
14
510
15
20
VGS (V)
RDSon
(m
Ω)
03nd24
6
8
10
12
14
16
18
20
22
0
50
100
150
200
250
300
ID (A)
RDSon
(m
Ω)
VGS (V) = 10
8
5.5
6 6.5
7
03aa28
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-60
-20
20
60
100
140
180
T
j
(
o
C)
a
a
R
DSon
R
DSon 25 C
°
()
----------------------------
=


Número de pieza similar - BUK7611-55A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BUK7611-55A ISC-BUK7611-55A Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7611-55A NEXPERIA-BUK7611-55A Datasheet
943Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02 - 16 June 2010
logo
NXP Semiconductors
BUK7611-55A PHILIPS-BUK7611-55A_15 Datasheet
353Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-16 June 2010
More results

Descripción similar - BUK7611-55A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
BUK7526-100B PHILIPS-BUK7526-100B Datasheet
294Kb / 15P
   TrenchMOS standard level FET
Rev. 01-11 April 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com