Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX74017 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

No. de pieza CX74017
Descripción Electrónicos  On the Direct Conversion Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74017 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  CX74017 Datasheet HTML 1Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 2Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 3Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 4Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 5Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 6Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 7Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 8Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Application Note
Skyworks Solutions, Inc., Proprietary and Confidential
101735A
Preliminary Data Subject to Change
July 20, 2001
CX74017
On the Direct Conversion Receiver
Abstract
Increased pressure for low power, small form factor, low cost,
and reduced bill of materials in such radio applications as mobile
communications has driven academia and industry to resurrect
the Direct Conversion Receiver (DCR). Long abandoned in favor
of the mature superheterodyne receiver, direct conversion has
emerged over the last decade or so thanks to improved
semiconductor process technologies and astute design
techniques. This paper describes the characteristics of the DCR
and the issues it raises.
Introduction
Very much like its well-established superheterodyne receiver
counterpart, introduced in 1918 by Armstrong [1], the origins of
the DCR date back to the first half of last century when a single
down-conversion receiver was first described by F.M. Colebrook
in 1924 [2], and the term homodyne was applied. Additional
developments led to the publication in 1947 of an article by
D. G. Tucker [3], which first coined the term synchrodyne, in a
receiver, which was designed as a precision demodulator for
measurement equipment rather than a radio. Another paper by
the latter in 1954 [4] reports the various single down-conversion
receivers published at the time, and clarifies the difference
between the homodyne (sometimes referred to as coherent
detector) and the synchrodyne receivers: the former obtains the
Local Oscillator (LO) directly, for example, from the transmitter,
whereas the latter synchronizes a free-running LO to the
incoming carrier.
Over the last decade or so, the drive of the wireless market and
enabling monolithic integration technology have triggered
research activities on DCRs, which integrated with the remaining
analog and digital sections of the transceiver, has the potential
to reach the “one-chip radio”. Besides, it favors multi-mode,
multi-standard applications and constitutes thereby another step
towards software radio.
The present article often refers to several recent publications
[5-6], providing a thorough survey and insight, and displaying
the renewed interest for DCRs.
Overcoming some of the problems associated with the
traditional superheterodyne and being more prone to integration,
DCR has nevertheless an array of inherent challenges. After a
brief description of alternative and well-established receiver
architectures, this paper presents the direct conversion
reception technique and highlights some of the system-level
issues associated with DCR.
Traditional Reception Techniques
The Superheterodyne
The superheterodyne, or more generally heterodyne1, receiver
is the most widely used reception technique. This technique
finds numerous applications from personal communication
devices to radio and TV tuners, and has been tried inside out
and is therefore well understood. It comes in a variety of
combinations [7-9], but essentially relies on the same idea: the
RF signal is first amplified in a frequency selective low-noise
stage, then translated to a lower intermediate frequency (IF),
with significant amplification and additional filtering, and finally
downconverted to baseband either with a phase discriminatory
or straight mixer, depending on the modulation format. This is
illustrated in the generic line-up of Figure 1.
RF band-select
filter
LNA
Channel-select
filter
RF
IF
RF
IF
f
f
Image-reject
filter
101735A 1_071801
Figure 1. The Superheterodyne Receiver
Superheterodyning entails several trade-offs. Image rejection is
a prevailing concern in this architecture. During the first
1
Homo: Greek from “homos” - same; Hetero: Greek from
“heteros” – other; Synchro: Greek from “sunkhronos” – same
time; Dyne: Greek from “dunamis” – power.


Número de pieza similar - CX74017

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
CX74001 SKYWORKS-CX74001 Datasheet
664Kb / 23P
   Rx ASIC for CDMA, AMPS, and PCS Applications
logo
List of Unclassifed Man...
CX74002 ETC-CX74002 Datasheet
204Kb / 2P
   Silicon Germanium CDMA Transmit/Dual PLL RFlC
logo
Skyworks Solutions Inc.
CX74005 SKYWORKS-CX74005 Datasheet
349Kb / 14P
   VGA I/Q Demodulator Rx ASIC for Portable Phone Applications
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
   IS-136 Receive RF IC for TDMA and AMPS Applications
CX74037 CONEXANT-CX74037 Datasheet
106Kb / 11P
   Transmit RF IC for TDMA or AMPS Applications
More results

Descripción similar - CX74017

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
Linear Technology
LTM9004 LINER-LTM9004_15 Datasheet
1Mb / 28P
   14-Bit Direct Conversion Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com