Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM51 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FM51
Descripción Electrónicos  Low Voltage High Drive Temperature Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM51 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FM51 Datasheet HTML 1Page - Fairchild Semiconductor FM51 Datasheet HTML 2Page - Fairchild Semiconductor FM51 Datasheet HTML 3Page - Fairchild Semiconductor FM51 Datasheet HTML 4Page - Fairchild Semiconductor FM51 Datasheet HTML 5Page - Fairchild Semiconductor FM51 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
FM51 Rev. C
Ordering Information
Part Number
Package
Temperature Range
How Supplied
FM51S3
3-Pin SOT-23
-40
°C to +125°C
3000 units on T&R
Absolute Maximum Ratings (Note 1)
Parameter
Rating
Supply Voltage
+7V
Output Voltage
V
DD + 0.5V
Output Current
10mA
Operating Temperature Range2
-50
°C to +150°C
Storage Temperature Range
-60
°C to +150°C
Lead Soldering Temperature
220
°C
ESD3
Human Body Model
2000V
Machine Model
250V
Notes:
1. Absolute maximum ratings are limits beyond which operation may cause permanent damage to the device. These are stress ratings only; functional operation at or above
these limits is not implied.
2. Operating ratings are conditions for which the device is intended to be functional without specific guaranteed performance limits. For guaranteed specifications and test
conditions refer to Electrical Characteristics.
3. Human Body Model: 100pF capacitor discharged through a 1.5kOhm resistor into each pin. Machine Model: 200pF capacitor discharged directly into each pin.
Electrical Characteristics4
Limits apply for -40
°C T
A +125°C and VDD = +5.0V unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Accuracy5
T
A = +25°C-1
±0.5
+1
°C
T
A = -40°C (TMIN)-3
±1+3
°C
TA = +125°C (TMAX)-3
±1+3
°C
Non-Linearity6
-0.8
+0.8
°C
Supply Voltage
VDD
+2.7
+6.0
V
Supply Current
I
S
Output floating; T
A = +25°C
130
µA
Output Sink Capability
IOL
+2.7V < VDD < +6.0V
1
mA
Output Source Capability
I
OH
+2.7V < V
DD < +6.0V
1
mA
Average Output Slope
AOUT
9.2
10
10.2
mV/
°C
(Sensor Gain)
Output Load Current Capabilities
IL
-1
+10
mA
Room Temperature Output
V
OUT25
T
A = +25°C
740
760
mV
Notes:
4. These specifications are guaranteed only for the test conditions listed.
5. Accuracy (expressed in
°C) = Difference between calculated output voltage and measured output voltage. Calculated output voltage = 10mV/°C multiplied by the device’s
case temperature at specified conditions of temperature, voltage and power supply, added to 500mV.
6. Non-linearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the device’s rated temperature range.


Número de pieza similar - FM51

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
FM5100 FORMOSA-FM5100 Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Rectron Semiconductor
FM5100 RECTRON-FM5100 Datasheet
404Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 5.0 Ampere
FM5100 RECTRON-FM5100 Datasheet
326Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
FM5100 FRONTIER-FM5100 Datasheet
636Kb / 3P
   5A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
logo
Formosa MS
FM5100-B FORMOSA-FM5100-B Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Descripción similar - FM51

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ATS45C ETC2-ATS45C Datasheet
242Kb / 8P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
ATS51 ETC2-ATS51 Datasheet
298Kb / 9P
   LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
ATS20 ETC2-ATS20 Datasheet
279Kb / 10P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700 Datasheet
265Kb / 18P
   Low-Power Voltage Output Temperature Sensor
2005
logo
List of Unclassifed Man...
ATS50 ETC2-ATS50 Datasheet
298Kb / 9P
   LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR
logo
Seiko Instruments Inc
S-8120ANP SII-S-8120ANP Datasheet
123Kb / 9P
   LOW-VOLTAGE C-MOS HIGH-PRECISION TEMPERATURE SENSOR IC
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6173 MAXIM-MAX6173 Datasheet
419Kb / 15P
   High-Precision Voltage References with Temperature Sensor
Rev 0; 5/04
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com