Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTM4633 Datasheet(PDF) 27 Page - Linear Technology

No. de pieza LTM4633
Descripción Electrónicos  Triple 10A Step-DownDC/DC 關Module Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 23Page - Linear Technology LTM4633 Datasheet HTML 24Page - Linear Technology LTM4633 Datasheet HTML 25Page - Linear Technology LTM4633 Datasheet HTML 26Page - Linear Technology LTM4633 Datasheet HTML 27Page - Linear Technology LTM4633 Datasheet HTML 28Page - Linear Technology LTM4633 Datasheet HTML 29Page - Linear Technology LTM4633 Datasheet HTML 30Page - Linear Technology LTM4633 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LTM4633
27
4633f
For more information www.linear.com/LTM4633
Typical applicaTions
Figure 17. LTM4633 Triple Input and Triple Output (1.0V, 1.2V and 5V) at 10A
RFB3
11.5k
RFB2
121k
RFB1
243k
COUT3
470µF
COUT6
470µF
COUT8
100µF
COUT2
100µF
220pF
1.0V
VFB1
VFB2
1.2V
5V
COUT5
100µF
220pF
VFB3
100pF
COUT1
100µF
COUT4
100µF
COUT7
100µF
VFB2
VFB3
CSS3
0.1µF
CSS1
0.1µF
38.3k
CIN9
22µF
6.3V
CIN8
22µF
6.3V
CIN7
22µF
6.3V
10k
10k
CNTL_PWR
MODE/PLLIN
RUN1
RUN2
RUN3
TK/SS2
TK/SS3
FREQ/PLLLPF
COMP1
COMP2
COMP3
PGOOD12
PGOOD3
TEMP1
TEMP2
VOUT1 VFB1
VOUT2 VFB2
VOUT3 VFB3
4633 F17
GND SGND
VIN1 SW1
VIN2
3.3V INPUT
5V INPUT
SW2
VIN3
LTM4633
SW3
4.7µF
6.3V
INTVCC EXTVCC
CSS2
0.1µF
TK/SS1
CIN6
22µF
6.3V
CIN5
22µF
6.3V
CIN4
22µF
6.3V
12V INPUT
CIN3
22µF
16V
CIN2
22µF
16V
CIN1
22µF
16V
5V INPUT
3.3V INPUT
VFB1


Número de pieza similar - LTM4633

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTM4633 LINER-LTM4633 Datasheet
746Kb / 32P
   Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
logo
Analog Devices
LTM4633 AD-LTM4633 Datasheet
1Mb / 36P
   Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
Rev. B
logo
Linear Technology
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
   Triple 10A Step-Down DC/DC Module Regulator
More results

Descripción similar - LTM4633

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
   Triple 10A Step-Down DC/DC Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
   10A Step-Down DC/DC Module Regulator
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
   Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
logo
Linear Technology
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
   High Efficiency 10A Step-Down 關Module Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
   Low VIN, 10A Step-Down 關Module Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
   20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
   20A DC/DC 關Module Step-Down Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com