Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AK5522 Datasheet(PDF) 59 Page - Asahi Kasei Microsystems

No. de pieza AK5522
Descripción Electrónicos  Differential Input Stereo 32-bit ADC with Excellent PSRR
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AKM [Asahi Kasei Microsystems]
Página de inicio  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5522 Datasheet(HTML) 59 Page - Asahi Kasei Microsystems

Back Button AK5522 Datasheet HTML 55Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 56Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 57Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 58Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 59Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 60Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 61Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 62Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 63Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
[AK5522]
017002311-E-00
2017/03
- 59 -
Unit [kHz]
Sampling Freq.
MCLK Frequency
Mode Name
11.2896MHz
12.288MHz
12MHz
16MHz
24MHz
8 kHz mode
8.000000
8.000000
8.000000
8.000000
8.000000
11.025 kHz mode
11.025000
11.025000
11.024877
11.025117
11.024877
12 kHz mode
12.000000
12.000000
12.000000
12.000000
12.000000
16 kHz mode
16.000000
16.000000
16.000000
16.000000
16.000000
22.05 kHz mode
22.050000
22.050000
22.049753
22.050234
22.049753
24 kHz mode
24.000000
24.000000
24.000000
24.000000
24.000000
32 kHz mode
32.000000
32.000000
32.000000
32.000000
32.000000
44.1 kHz mode
44.100000
44.100000
44.099507
44.100467
44.099507
48 kHz mode
48.000000
48.000000
48.000000
48.000000
48.000000
64 kHz mode
64.000000
64.000000
64.000000
64.000000
64.000000
88.2 kHz mode
88.200000
88.200000
88.199013
88.200935
88.199013
96 kHz mode
96.000000
96.000000
96.000000
96.000000
96.000000
128 kHz mode
128.000000
128.000000
128.000000
128.000000
128.000000
176.4 kHz mode
176.400000
176.400000
176.398026
176.401869
176.398026
192 kHz mode
192.000000
192.000000
192.000000
192.000000
192.000000
Table 23. Actual Sampling Frequency (1)
Unit [kHz]
Sampling Freq.
MCLK Frequency
Mode Name
19.2MHz
13MHz
26MHz
13.5MHz
27MHz
8 kHz mode
8.000000
7.999786
7.999786
8.000300
8.000300
11.025 kHz mode
11.025000
11.024877
11.024877
11.025218
11.025218
12 kHz mode
12.000000
11.999679
11.999679
12.000451
12.000451
16 kHz mode
16.000000
15.999572
15.999572
16.000601
16.000601
22.05 kHz mode
22.050000
22.049753
22.049753
22.050436
22.050436
24 kHz mode
24.000000
23.999358
23.999358
24.000901
24.000901
32 kHz mode
32.000000
31.999144
31.999144
32.001202
32.001202
44.1 kHz mode
44.100000
44.099507
44.099507
44.100871
44.100871
48 kHz mode
48.000000
47.998716
47.998716
48.001803
48.001803
64 kHz mode
64.000000
63.998288
63.998288
64.002404
64.002404
88.2 kHz mode
88.200000
88.199013
88.199013
88.201742
88.201742
96 kHz mode
96.000000
95.997432
95.997432
96.003606
96.003606
128 kHz mode
128.000000
127.996575
127.996575
128.004808
128.004808
176.4 kHz mode
176.400000
176.398026
176.398026
176.403485
176.403485
192 kHz mode
192.000000
191.994863
191.994863
192.007212
192.007212
Table 24. Actual Sampling Frequency (2)
Note 23. Point 7 digits or less is rounded.
INVMCLK bit selects MCLK edge for PLL.
INVMCLK bit
Reference Edge
0
Falling Edge
(default)
1
Rising Edge
Table 25. MCLK Edge for PLL


Número de pieza similar - AK5522

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
More results

Descripción similar - AK5522

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
AK5397 AKM-AK5397 Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5397EQ AKM-AK5397EQ Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com