Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTS3035EJ Datasheet(PDF) 28 Page - Infineon Technologies AG

No. de pieza BTS3035EJ
Descripción Electrónicos  Smart Low-Side Power Switch
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3035EJ Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button BTS3035EJ Datasheet HTML 24Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 25Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 26Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 27Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 28Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 29Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 30Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 31Page - Infineon Technologies AG BTS3035EJ Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Datasheet
28
Rev. 1.0
2016-09-12
HITFET - BTS3035EJ
Smart Low-Side Power Switch
Characterization Results
Figure 21
Typical IL(OFF) vs. VDS @ TJ = -40 … 150°C, VIN = 0 V
Figure 22
Typical IL(OFF) vs. VIN @ TJ = -40 … 150°C, VBAT = 6 … 18 V
0.0E+00
5.0E-07
1.0E-06
1.5E-06
2.0E-06
2.5E-06
0
5
10
15
20
25
30
VDS [V]
150°C
85°C
25°C
-40°C
0.00E+00
2.00E-06
4.00E-06
6.00E-06
8.00E-06
1.00E-05
1.20E-05
1.40E-05
1.60E-05
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VIN [V]
6V - 150°C
6V - 85°C
6V - 25°C
6V - -40°C
13.5V - 150°C
13.5V - 85°C
13.5V - 25°C
13.5V - -40°C
18V - 150°C
18V - 85°C
18V - 25°C
18V - -40°C


Número de pieza similar - BTS3035EJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS3035TF INFINEON-BTS3035TF Datasheet
1Mb / 39P
   Smart Low-Side Power Switch
Rev. 1.0 2016-06-01
More results

Descripción similar - BTS3035EJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com