Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTS7020-2EPA Datasheet(PDF) 1 Page - Infineon Technologies AG

No. de pieza BTS7020-2EPA
Descripción Electrónicos  Smart High-Side Power Switch
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7020-2EPA Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS7020-2EPA Datasheet HTML 1Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 2Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 3Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 4Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 5Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 6Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 7Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 8Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Data Sheet
1
Rev. 1.00
www.infineon.com
2017-08-24
BTS7020-2EPA
1
Overview
Potential Applications
• Suitable for resistive, inductive and capacitive loads
• Replaces electromechanical relays, fuses and discrete circuits
• Driving capability suitable for 5 A loads and high inrush current loads such
as 2 x P27W + R5W lamps or LED equivalent
Figure 1
BTS7020-2EPA Application Diagram. Further information in Chapter 10
PROFETTM+2
2x 20 mΩ
Smart High-Side Power Switch
Package
PG-TSDSO-14-22
Marking
7020-2A
GPIO
GPIO
GPIO
GPIO
A/D IN
VSS
VDD
Micro controller
IN0
IN1
DEN
DSEL
IS
GND
OUT0
OUT1
VS
VBAT
CSENSE
DZ1
R/L cable
R/L cable
R/L cable
COUT1
COUT0
RIN
RIN
RDEN
RDSEL
RAD
RIS_PROT
RGND
VDD
RPD
RPD
CVS
ROL
T1
DZ2
App_2CH_LI_INTDIO_Cover.emf
Control
Protection
Diagnosis
T
T


Número de pieza similar - BTS7020-2EPA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS7020-2EPA INFINEON-BTS7020-2EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

Descripción similar - BTS7020-2EPA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com