Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTS50025-1TAD Datasheet(PDF) 42 Page - Infineon Technologies AG

No. de pieza BTS50025-1TAD
Descripción Electrónicos  Smart High-Side Power Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50025-1TAD Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button BTS50025-1TAD Datasheet HTML 38Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 39Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 40Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 41Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 42Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 43Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 44Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 45Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
Data Sheet
42
Rev. 1.1
2017-03-30
BTS50025-1TAD
Smart High-Side Power Switch
Electrical Characteristics BTS50025-1TAD
ON State Resistance
RDS(ON) = f(VS, TJ), IL = 10 A ... 70 A
ON State Resistance
RDS(ON) = f(TJ),VS = 13.5 V, IL = 10 A ... 70 A
Turn ON Time
tON = f(VS, TJ), RL = 0.68 Ω
Turn OFF Time
tOFF = f(VS, TJ), RL = 0.68 Ω
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0
5
10
15
20
25
30
VS [V]
-40°C
25°C
150°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
-40 -20 0
204060 80 100 120 140 160
TJ [°C]
0
100
200
300
400
500
600
0
5
10
15
20
25
30
VS [V]
-40°C
25°C
150°C
0
100
200
300
400
500
600
0
5
10
15
20
25
30
VS [V]
-40°C
25°C
150°C


Número de pieza similar - BTS50025-1TAD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS50025-1TEA INFINEON-BTS50025-1TEA Datasheet
1Mb / 44P
   Smart High-Side Power Switch
Rev.1.0 2018-08-16
More results

Descripción similar - BTS50025-1TAD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com