Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN3213 Datasheet(PDF) 13 Page - ON Semiconductor

No. de pieza FAN3213
Descripción Electrónicos  Dual-4 A, High-Speed, Low-Side Gate Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3213 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FAN3213 Datasheet HTML 9Page - ON Semiconductor FAN3213 Datasheet HTML 10Page - ON Semiconductor FAN3213 Datasheet HTML 11Page - ON Semiconductor FAN3213 Datasheet HTML 12Page - ON Semiconductor FAN3213 Datasheet HTML 13Page - ON Semiconductor FAN3213 Datasheet HTML 14Page - ON Semiconductor FAN3213 Datasheet HTML 15Page - ON Semiconductor FAN3213 Datasheet HTML 16Page - ON Semiconductor FAN3213 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.onsemi.com
13
Layout and Connection Guidelines
The FA N3213 and FAN3214 gate dr ivers incorporate
fast-reacting input circuits, short propagation delays,
and pow erful output stages capable of delivering current
peaks over 4 A to facilitate voltage transition times from
under 10 ns to over 150 ns. The follow ing layout and
connection guidelines are strongly recommended:
Keep high-current output and pow er ground paths
separate from logic input signals and signal ground
paths. This is especially critical for TTL-level logic
thresholds at driver input pins.
Keep the driver as close to the load as possible to
minimize the length of high-current traces. This
reduces the series inductance to improve high-
speed sw itching, w hile reducing the loop area that
can radiate EMI to the driver inputs and
surrounding circuitry.
If the inputs to a channel are not externally
connected, the internal 100 k
 resistors indicated
on block diagrams command a low output. In noisy
environments, it may be necessary to tie inputs of
an unused channel to VDD or GND using short
traces to prevent noise from causing spurious
output sw itching.
Many high-speed pow er circuits can be susceptible
to noise injected from their ow n output or other
external sources, possibly causing output re-
triggering. These effects can be obvious if the
circuit is tested in breadboard or non-optimal circuit
layouts w ith long input or output leads. For best
results, make connections to all pins as short and
direct as possible.
FAN3213 and FAN3214 are pin-compatible w ith
many other industry-standard drivers.
The turn-on and turn-off current paths should be
minimized, as discussed in the follow ing section.
Figure 29 show s the pulsed gate drive current path
w hen the gate dr iver is supplying gate charge to turn the
MOSFET on. The current is supplied from the local
bypass capacitor, CBYP, and flow s through the driver to
the MOSFET gate and to ground. To reach the high
peak currents possible, the resistance and inductance in
the path should be minimized. The localized CBYP acts
to contain the high peak current pulses w ithin this driver-
MOSFET circuit, preventing them from disturbing the
sensitive analog circuitry in the PWM controller.
PWM
VDS
VDD
CBYP
FAN321x
Figure 29. Current Path for MOSFET Turn-On
Figure 30 show s the current path w hen the gate dr iver
turns the MOSFET OFF. Ideally, the driver shunts the
current directly to the source of the MOSFET in a s mall
circuit loop. For fast turn-off times, the resistance and
inductance in this path should be minimized.
PWM
VDS
VDD
CBYP
FAN321x
Figure 30. Current Path for MOSFET Turn-Off


Número de pieza similar - FAN3213

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3213T FAIRCHILD-FAN3213T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3213T FAIRCHILD-FAN3213T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3213T FAIRCHILD-FAN3213T Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3213T FAIRCHILD-FAN3213T Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results

Descripción similar - FAN3213

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN3223 ONSEMI-FAN3223 Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
FAN3223 ONSEMI-FAN3223_V01 Datasheet
1Mb / 24P
   Gate Drivers, High-Speed, Low-Side, Dual 4-A
April, 2020 ??Rev. 1
FAN3216 ONSEMI-FAN3216 Datasheet
1Mb / 19P
   Dual 2-A, High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
FAN3226 ONSEMI-FAN3226 Datasheet
1Mb / 26P
   Dual 2-A High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
logo
Texas Instruments
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
logo
Fairchild Semiconductor
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com