Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FAN3223 Datasheet(PDF) 8 Page - ON Semiconductor |
|
FAN3223 Datasheet(HTML) 8 Page - ON Semiconductor |
8 / 29 page www.onsemi.com 8 Electrical Characteristics Unless otherw ise noted, VDD=12 V, TJ=-40°C to +125°C. Currents are defined as positive into the device and negative out of the device. Symbol Parameter Conditions Min. Typ. Max. Unit Supply VDD Operating Range 4.5 18.0 V IDD Supply Current, Inputs / EN Not Connected All except FAN3225C 0.70 0.95 mA FAN3225C (10) 0.21 0.35 mA VON Turn-On Voltage INA=ENA=VDD, INB=ENB=0 V 3.5 3.9 4.3 V VOFF Turn-Off Voltage INA=ENA=VDD, INB=ENB=0 V 3.3 3.7 4.1 V FAN322xTMX-F085, FAN322xCMX-F085 (Autom otive-Qualified Versions) VDD Operating Range 4.5 18.0 V IDD Supply Current, Inputs / EN Not Connected (15) All Except FAN3225C 0.70 1.20 mA FAN3225C (10) 0.21 0.35 mA VON Turn-On Voltage (15) INA=ENA=VDD, INB=ENB=0 V 3.4 3.9 4.5 V VOFF Turn-Off Voltage (15) INA=ENA=VDD, INB=ENB=0 V 3.2 3.7 4.3 V FAN3224TUMX-F085 (Modified UVLO Version) VDD Operating Range 9.5 18.0 V IDD Supply Current, Inputs / EN Not Connected (15) 0.70 1.20 mA VON Turn-On Voltage (15) INA=ENA=VDD, INB=ENB=0 V 8.0 9.1 10.2 V VOFF Turn-Off Voltage (15) INA=ENA=VDD, INB=ENB=0 V 7.0 8.2 9.3 V Inputs (FAN322xT) (11) VINL_T INx Logic LOW Threshold 0.8 1.2 V VINH_T INx Logic HIGH Threshold 1.6 2.0 V VHYS_T TTL Logic Hysteresis Voltage 0.2 0.4 0.8 V IIN+ Non-Inverting Input Current IN from 0 to VDD -1 175 µA IIN- Inverting Input Current IN from 0 to VDD -175 1 µA FAN322xTMX-F085, FAN3224TUMX-F085 (Autom otive-Qualified Versions) VINL_T INx Logic LOW Threshold 0.8 1.2 V VINH_T INx Logic HIGH Threshold 1.6 2.0 V VHYS_T TTL Logic Hysteresis Voltage 0.1 0.4 0.9 V IINx_T Non-inverting Input Current (15) IN=0 V -1.5 1.5 µA IINx_T Non-inverting Input Current (15) IN=VDD 80 120 175 µA IINx_T Inverting Input Current (15) IN=0 V -175 -120 -90 µA IINx_T Inverting Input Current (15) IN=VDD -1.5 1.5 µA Inputs (FAN322xC) (11) VINL_C INx Logic Low Threshold 30 38 %VDD VINH_C INx Logic High Threshold 55 70 %VDD VHYS_C CMOS Logic Hysteresis Voltage 17 %VDD IIN+ Non-Inverting Input Current IN from 0 to VDD -1 175 µA |
Número de pieza similar - FAN3223 |
|
Descripción similar - FAN3223 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |