Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN3268 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza FAN3268
Descripción Electrónicos  2A Low-Voltage PMOS-NMOS Bridge Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3268 Datasheet(HTML) 5 Page - ON Semiconductor

  FAN3268 Datasheet HTML 1Page - ON Semiconductor FAN3268 Datasheet HTML 2Page - ON Semiconductor FAN3268 Datasheet HTML 3Page - ON Semiconductor FAN3268 Datasheet HTML 4Page - ON Semiconductor FAN3268 Datasheet HTML 5Page - ON Semiconductor FAN3268 Datasheet HTML 6Page - ON Semiconductor FAN3268 Datasheet HTML 7Page - ON Semiconductor FAN3268 Datasheet HTML 8Page - ON Semiconductor FAN3268 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
VDD to GND
-0.3
20.0
V
VEN
ENA, ENB to GND
GND - 0.3 VDD + 0.3
V
VIN
INA, INB to GND
GND - 0.3 VDD + 0.3
V
VOUT
OUTA, OUTB to GND
GND - 0.3 VDD + 0.3
V
TL
Lead Soldering Temperature (10 Seconds)
+260
ºC
TJ
Junction Temperature
-55
+150
ºC
TSTG
Storage Temperature
-65
+150
ºC
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage Range
4.5
18.0
V
VEN
Enable Voltage (ENA, ENB)
0
VDD
V
VIN
Input Voltage (INA, INB)
0
VDD
V
TA
Operating Ambient Temperature
-40
+125
ºC
www.onsemi.com
5


Número de pieza similar - FAN3268

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN3268 FAIRCHILD-FAN3268 Datasheet
815Kb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3268 FAIRCHILD-FAN3268 Datasheet
1Mb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3268T FAIRCHILD-FAN3268T Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3268T FAIRCHILD-FAN3268T Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3268T FAIRCHILD-FAN3268T Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
More results

Descripción similar - FAN3268

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN3268 FAIRCHILD-FAN3268_11 Datasheet
1Mb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3268 FAIRCHILD-FAN3268 Datasheet
815Kb / 16P
   2A Low-Voltage PMOS-NMOS Bridge Driver
FAN3278 FAIRCHILD-FAN3278 Datasheet
471Kb / 15P
   30V PMOS-NMOS Bridge Driver
logo
ON Semiconductor
FAN3278 ONSEMI-FAN3278 Datasheet
769Kb / 17P
   30V PMOS-NMOS Bridge Driver
July 2012 Rev. 1.0.1
logo
Intersil Corporation
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Intersil Corporation
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
   2A H-Bridge Driver
logo
ON Semiconductor
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
   2A H-Bridge Driver
December, 2001 - Rev. 5
logo
Microsemi Corporation
SG1635 MICROSEMI-SG1635 Datasheet
49Kb / 5P
   2A, HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com