Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2717MTX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM2717MTX
Descripción Electrónicos  Dual Step-down DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2717MTX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2717MTX Datasheet HTML 1Page - National Semiconductor (TI) LM2717MTX Datasheet HTML 2Page - National Semiconductor (TI) LM2717MTX Datasheet HTML 3Page - National Semiconductor (TI) LM2717MTX Datasheet HTML 4Page - National Semiconductor (TI) LM2717MTX Datasheet HTML 5Page - National Semiconductor (TI) LM2717MTX Datasheet HTML 6Page - National Semiconductor (TI) LM2717MTX Datasheet HTML 7Page - National Semiconductor (TI) LM2717MTX Datasheet HTML 8Page - National Semiconductor (TI) LM2717MTX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Pin Description
Pin
Name
Function
1
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
2
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
3
AGND
Analog ground. PGND and AGND pins must be connected together directly at the part.
4
FB1
Fixed buck output voltage feedback input.
5V
C1
Fixed buck compensation network connection. Connected to the output of the voltage
error amplifier.
6V
BG
Bandgap connection.
7V
C2
Adjustable buck compensation network connection. Connected to the output of the voltage
error amplifier.
8
FB2
Adjustable buck output voltage feedback input.
9
AGND
Analog ground. PGND and AGND pins must be connected together directly at the part.
10
AGND
Analog ground. PGND and AGND pins must be connected together directly at the part.
11
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
12
PGND
Power ground. PGND and AGND pins must be connected together directly at the part.
13
SW2
Adjustable buck power switch input. Switch connected between V
IN pins and SW2 pin.
14
V
IN
Analog power input. V
IN pins should be connected together directly at the part.
15
V
IN
Analog power input. V
IN pins should be connected together directly at the part.
16
CB2
Adjustable buck converter bootstrap capacitor connection.
17
SHDN2
Shutdown pin for adjustable buck converter. Active low.
18
SS2
Adjustable buck soft start pin.
19
FSLCT
Switching frequency select input. Use a resistor to set the frequency anywhere between
300kHz and 600kHz.
20
SS1
Fixed buck soft start pin.
21
SHDN1
Shutdown pin for fixed buck converter. Active low.
22
CB1
Fixed buck converter bootstrap capacitor connection.
23
V
IN
Analog power input. V
IN pins should be connected together directly at the part.
24
SW1
Fixed buck power switch input. Switch connected between V
IN pins and SW1 pin.
www.national.com
3


Número de pieza similar - LM2717MTX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2717MTX NSC-LM2717MTX Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717MTX-ADJ NSC-LM2717MTX-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717MTX-ADJ NSC-LM2717MTX-ADJ Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717MTX-ADJ/NOPB TI-LM2717MTX-ADJ/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM2717-ADJ Dual Step-Down DC/DC Converter
LM2717MTX/NOPB TI-LM2717MTX/NOPB Datasheet
957Kb / 17P
[Old version datasheet]   LM2717 Dual Step-Down DC/DC Converter
More results

Descripción similar - LM2717MTX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
logo
Texas Instruments
LM2717 TI-LM2717_15 Datasheet
957Kb / 17P
[Old version datasheet]   LM2717 Dual Step-Down DC/DC Converter
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com