Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4133G-XT2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza SI4133G-XT2
Descripción Electrónicos  DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SI4133G-XT2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SI4133G-XT2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI4133G-XT2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI4133G-XT2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI4133G-XT2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI4133G-XT2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI4133G-XT2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4133G-XT2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4133G-XT2 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4133G-XT2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Si4133G-X2
Rev. 0.9
5
Table 3. DC Characteristics
(VDD = 2.7 to 3.6 V, TA = –20 to 85°C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Total Supply Current1
RF1 and IF operating
18
31
mA
RF1 Mode Supply Current1
—13
17
mA
RF2 Mode Supply Current1
—12
17
mA
IF Mode Supply Current1
—10
14
mA
Standby Current
PWDNB = 0,
XPDM = 0
—1
µA
High Level Input Voltage2
VIH
0.7 VDD
——
V
Low Level Input Voltage2
V
IL
0.3 V
DD
V
High Level Input Current2
I
IH
V
IH = 3.6 V,
V
DD = 3.6 V
–10
10
µA
Low Level Input Current2
IIL
VIL = 0 V,
VDD= 3.6 V
–10
10
µA
High Level Output Voltage3
V
OH
I
OH = –500 µA
V
DD–0.4
V
Low Level Output Voltage3
V
OL
I
OH = 500 µA
0.4
V
Notes:
1. RF1 = 1.55 GHz, RF2 = 1.2 GHz, IF
= 1080 MHz, RFPWR = 1
2. For signals SCLK, SDATA, SENB, and PWDNB.
3. For signal AUXOUT.


Número de pieza similar - SI4133G-XT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si4133G-XT2 SILABS-Si4133G-XT2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
More results

Descripción similar - SI4133G-XT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133-D-GT SILABS-SI4133-D-GT Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133W SILABS-SI4133W Datasheet
513Kb / 32P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com