Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD-2929 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
SD-2929 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com SD-A2920 Series Continued Differential Positive ECL (DPECL) Fast Edge Operating Conditions and Output Characteristics Electrical Characteristics Parameter Symbol Conditions Min Typical Max Frequency ----- ----- 75.0MHz ----- 250.0MHz Duty Cycle ----- @ V CC-1.29V 45/55% ----- 55/45% Logic 0 (2) V OL ----- 1.35V ----- 1.70V Logic 1 (2) V OH ----- 2.28V ----- 2.56V Rise & Fall Time tr,tf 20-80%V O with 50 ohm load to VCC-2V ----- ----- 600 psec T pd (4) ----- ----- -200 psec ----- +200 psec Jitter, RMS (3) ----- ----- ----- ----- 3 psec Enable Voltage (5) ----- with V EE = 0V 2.0V ----- ----- Disable Voltage ----- with V EE = 0V ----- ----- 0.8V Frequency Stability (1) dF/F Overall conditions including: -100ppm ----- +100ppm voltage, calibration, temp., 10 yr aging, shock, vibration General Characteristics Parameter Symbol Conditions Min Typical Max Supply Voltage V CC ----- 3.15V 3.3V 3.45V Supply Current I CC 50 ohm termination 0.0 mA ----- 80 mA To 2.00V below V CC Output current I O Low level Output Current 0.0 mA ----- ±50.0 mA Operating temperature T A ------ 0°C ----- 70°C Storage temperature T S ----- -55°C ----- 125°C Power Dissipation P D ----- ----- ----- 276 mW Lead temperature T L Soldering, 10 sec. ----- ----- 300°C Load 50 Ohm to V CC-2V or Thevenin Equivalent, Bias Required Start-up time t S ----- ----- 2 ms 10 ms Environmental and Mechanical Characteristics Mechanical Shock Per MIL-STD-202, Method 213, Condition E Thermal Shock Per MIL-STD-833, Method 1011, Condition A Vibration 0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz Soldering Condition 300°C for 10 seconds Hermetic Seal Leak rate less than 1 x 10 -8 atm.cc/sec of helium Footnotes: 1) Standard frequency stability (±20,±25,±50ppm & others available) 2) V OL, VOH, referenced to ground (VEE) with VCC = 3.3V 3) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization. 4) Tpd is phse shift between the falling edge of pin 4 at 2.0V and the rising edge of pin 5 at 2.01V. 5) Open to enable pin also enables the output. Rev. F CRYSTAL CLOCK OSCILLATORS SD - A292X - FREQ Package Code Tolerance/Performance SD 6 pad 5x7mm SMD 0 ±100ppm 0-70°C 1 ±50ppm 0-70°C 7 ±25ppm 0-70°C Input Voltage 9 Customer Specific Code Specification A ±20ppm 0-70°C A 3.3V B ±50ppm -40 to +85°C 5V C ±100ppm -40 to +85°C Creating a Part Number Data Sheet 0105C |
Número de pieza similar - SD-2929 |
|
Descripción similar - SD-2929 |