Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AVC16T245DGGR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AVC16T245DGGR
Descripción Electrónicos  16 BIT DUAL SUPPLY BUS TRANSCEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC16T245DGGR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AVC16T245DGGR Datasheet HTML 4Page - Texas Instruments SN74AVC16T245DGGR Datasheet HTML 5Page - Texas Instruments SN74AVC16T245DGGR Datasheet HTML 6Page - Texas Instruments SN74AVC16T245DGGR Datasheet HTML 7Page - Texas Instruments SN74AVC16T245DGGR Datasheet HTML 8Page - Texas Instruments SN74AVC16T245DGGR Datasheet HTML 9Page - Texas Instruments SN74AVC16T245DGGR Datasheet HTML 10Page - Texas Instruments SN74AVC16T245DGGR Datasheet HTML 11Page - Texas Instruments SN74AVC16T245DGGR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SN74AVC16T245
16BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES551A – FEBRUARY 2004 – REVISED AUGUST 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCCA = 3.3 V ± 0.3 V (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
3.2
0.5
5.5
0.5
4.4
0.5
3.2
0.5
2.7
ns
tPHL
A
B
3.2
0.5
5.5
0.5
4.4
0.5
3.2
0.5
2.7
ns
tPLH
B
A
2.8
0.5
3.7
0.5
3.3
0.5
2.8
0.5
2.7
ns
tPHL
B
A
2.8
0.5
3.7
0.5
3.3
0.5
2.8
0.5
2.7
ns
tPZH
OE
A
2.2
0.5
4.3
0.5
4.2
0.5
4.1
0.5
4
ns
tPZL
OE
A
2.2
0.5
4.3
0.5
4.2
0.5
4.1
0.5
4
ns
tPZH
OE
B
5.1
0.5
9.3
0.5
7.2
0.5
4.9
0.5
4
ns
tPZL
OE
B
5.1
0.5
9.3
0.5
7.2
0.5
4.9
0.5
4
ns
tPHZ
OE
A
3.4
0.5
5
0.5
5
0.5
5
0.5
5
ns
tPLZ
OE
A
3.4
0.5
5
0.5
5
0.5
5
0.5
5
ns
tPHZ
OE
B
4.9
1
7.7
1
6.5
1
5.2
0.5
5
ns
tPLZ
OE
B
4.9
1
7.7
1
6.5
1
5.2
0.5
5
ns
operating characteristics, TA = 25°C
PARAMETER
TEST
CONDITIONS
VCCA =
VCCB = 1.2 V
VCCA =
VCCB = 1.5 V
VCCA =
VCCB = 1.8 V
VCCA =
VCCB = 2.5 V
VCCA =
VCCB = 3.3 V
UNIT
PARAMETER
CONDITIONS
TYP
TYP
TYP
TYP
TYP
UNIT
A to B
Outputs
enabled
1
1
1
1
2
CpdA†
A to B
Outputs
disabled
CL = 0,
f = 10 MHz,
1
1
1
1
1
pF
CpdA†
B to A
Outputs
enabled
f = 10 MHz,
tr = tf = 1 ns
13
13
14
15
16
pF
B to A
Outputs
disabled
1
1
1
1
1
A to B
Outputs
enabled
13
13
14
15
16
CpdB†
A to B
Outputs
disabled
CL = 0,
f = 10 MHz,
1
1
1
1
1
pF
CpdB†
B to A
Outputs
enabled
L
f = 10 MHz,
tr = tf = 1 ns
1
1
1
1
2
pF
B to A
Outputs
disabled
1
1
1
1
1
† Power-dissipation capacitance per transceiver


Número de pieza similar - SN74AVC16T245DGGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC16T245DGGR TI-SN74AVC16T245DGGR Datasheet
467Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245DGGR TI-SN74AVC16T245DGGR Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245DGGR TI-SN74AVC16T245DGGR Datasheet
565Kb / 23P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245DGGR TI1-SN74AVC16T245DGGR Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
SN74AVC16T245DGGR TI1-SN74AVC16T245DGGR Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver with Configurable Level-Shifting / Voltage Translation and Tri-State Outputs
More results

Descripción similar - SN74AVC16T245DGGR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com