Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74LV06APWRE4 Datasheet(PDF) 6 Page - Texas Instruments |
|
SN74LV06APWRE4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 13 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) SN74LV06AD ACTIVE SOIC D 14 50 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74LV06ADBR ACTIVE SSOP DB 14 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74LV06ADBRE4 ACTIVE SSOP DB 14 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74LV06ADE4 ACTIVE SOIC D 14 50 TBD Call TI Call TI SN74LV06ADGVR ACTIVE TVSOP DGV 14 2000 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM SN74LV06ADGVRE4 ACTIVE TVSOP DGV 14 2000 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM SN74LV06ADR ACTIVE SOIC D 14 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74LV06ADRE4 ACTIVE SOIC D 14 2500 TBD Call TI Call TI SN74LV06ANSR ACTIVE SO NS 14 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74LV06ANSRE4 ACTIVE SO NS 14 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74LV06APW ACTIVE TSSOP PW 14 90 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM SN74LV06APWE4 ACTIVE TSSOP PW 14 90 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM SN74LV06APWR ACTIVE TSSOP PW 14 2000 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM SN74LV06APWRE4 ACTIVE TSSOP PW 14 2000 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM SN74LV06APWT ACTIVE TSSOP PW 14 250 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM SN74LV06APWTE4 ACTIVE TSSOP PW 14 250 Pb-Free (RoHS) CU NIPDAU Level-1-250C-UNLIM (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS) or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is PACKAGE OPTION ADDENDUM www.ti.com 27-May-2005 Addendum-Page 1 |
Número de pieza similar - SN74LV06APWRE4 |
|
Descripción similar - SN74LV06APWRE4 |