Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3283 Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza 2SK3283
Descripción Electrónicos  N-Channel Silicon MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3283 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK3283 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3283 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3283 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3283 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK3283
No.7763-3/4
RDS(on) -- Ta
40
30
20
10
35
25
15
5
160
120
140
100
80
40
60
20
0
--40
--20
--60
0
RDS(on) -- VGS
40
50
0
30
24
0
6
12
14
16
18
20
10
8
0
0
ID -- VGS
12
14
16
10
8
6
4
2
2.0
ID -- VDS
15
12
9
6
3
IT00721
IT00722
IT07211
IT07212
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
20
10
60
1.5
1.0
0.5
2.5
3.0
10A
Ta=25
°C
2.5V
VGS=2.0V
ID=4A,
VGS
=4V
ID=10A,
VGS
=10V
VDS=10V
ID=4A
Ciss, Coss, Crss -- VDS
5
5
7
1000
2
3
0
25
510
15
20
30
IT07219
100
2
3
Ciss
Coss
Crss
f=1MHz
0.001
5
3
100
2
10
7
0.3
0.6
1.2
0.4
IT00726
0.01
1.0
0.1
5
3
2
7
0.5
0.7
0.8
0.9
1.0
1.1
0.2
IF -- VSD
VGS=0
yfs -- ID
100
0.001
0.01
23 5 7
0.1
23 5 7
1.0
23 5 7
10
23 5 7
100
23 5 7
IT00725
10
1.0
0.1
0.01
5
2
7
3
VDS=10V
Ta
=--2
5°C
75
°C
5
3
2
7
5
3
2
7
5
3
2
7
5
2
7
3
5
2
7
3
5
2
7
3
2
3
5
7
2
3
5
7
5
7
2
3
57
2
3
57
2
3
td(on)
td(off)
tr
tf
1000
100
10
3
0.1
1.0
10
SW Time -- ID
VDD=15V
VGS=10V
IT07220
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
Gate-to-Source Voltage, VGS -- V


Número de pieza similar - 2SK3283

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SK3280 SANYO-2SK3280 Datasheet
45Kb / 4P
   DC/DC Converter Applications
2SK3284 SANYO-2SK3284 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SK3285 SANYO-2SK3285 Datasheet
48Kb / 5P
   DC/DC Converter Applications
logo
Inchange Semiconductor ...
2SK3285B ISC-2SK3285B Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3285K ISC-2SK3285K Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK3283

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com