Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BUK7608-55A Datasheet(PDF) 6 Page - NXP Semiconductors |
|
BUK7608-55A Datasheet(HTML) 6 Page - NXP Semiconductors |
6 / 14 page Philips Semiconductors BUK7508-55A; BUK7608-55A TrenchMOS™ standard level FET Product data Rev. 02 — 17 January 2002 6 of 14 9397 750 09091 © Koninklijke Philips Electronics N.V. 2002. All rights reserved. Source-drain diode VSD source-drain (diode forward) voltage IS = 25 A; VGS =0V; Figure 15 - 0.85 1.2 V trr reverse recovery time IS =75A; dIS/dt = −100 A/µs VGS = −10 V; VDS =30V -65 - ns Qr recovered charge - 170 - nC Table 5: Characteristics…continued Tj =25 °C unless otherwise specified Symbol Parameter Conditions Min Typ Max Unit Tj =25 °C; tp = 300 µsTj =25 °C; ID =25A Fig 5. Output characteristics: drain current as a function of drain-source voltage; typical values. Fig 6. Drain-source on-state resistance as a function of gate-source voltage; typical values. Tj =25 °C Fig 7. Drain-source on-state resistance as a function of drain current; typical values. Fig 8. Normalized drain-source on-state resistance factor as a function of junction temperature. 160 140 120 100 80 60 40 20 0 ID (A) 0 246 8 10 VDS (V) VGS = 4.5 V 5.0 V 5.5 V 6.0 V 6.5 V 7.0 V 8.0 V 10 V 18 V 03nh45 03nh44 6 8 10 12 14 5 101520 VGS (V) RDSon (m Ω) 03nh46 5 10 15 20 25 0 20 40 60 80 100 120 ID (A) RDSon (m Ω) VGS = 5.5 (V) 6 6.5 7.5 10 9 7 03ne89 0 0.5 1 1.5 2 -60 0 60 120 180 Tj (ºC) a a R DSon R DSon 25 C ° () ----------------------------- = |
Número de pieza similar - BUK7608-55A |
|
Descripción similar - BUK7608-55A |