Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HCT356 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
CD74HCT356 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 8 page 6 Input Loading Table INPUT UNIT LOADS D0-D7 0.50 S0, S1, S3 0.70 OE1, OE2 0.80 OE3 0.25 LE 0.25 CP 0.60 NOTE: Unit Load is ∆ICC limit specified in DC Electrical Specifications table, e.g., 360 µA max at 25oC. Prerequisite For Switching Specifications PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX CP Pulse Width tPLH, tPHL - 4.5 16 20 - 25 - 30 - ns LE Pulse Width tPLH, tPHL - 4.5 16 20 - 25 - 30 - ns Setup Times Dn → EtSU - 4.5 5 7 - 9 - 11 - ns Setup Times Sn → LE tSU - 4.5 5 7 - 9 - 11 - ns Hold Times Dn → EtH - 4.5 9 9 - 11 - 14 - ns Hold Times Sn → LE tH - 4.5 12 12 - 15 - 18 - ns CD74HCT356 |
Número de pieza similar - CD74HCT356 |
|
Descripción similar - CD74HCT356 |