Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5012A-BL7Z Datasheet(PDF) 10 Page - Cirrus Logic

No. de pieza CS5012A-BL7Z
Descripción Electrónicos  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5012A-BL7Z Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5012A-BL7Z Datasheet HTML 6Page - Cirrus Logic CS5012A-BL7Z Datasheet HTML 7Page - Cirrus Logic CS5012A-BL7Z Datasheet HTML 8Page - Cirrus Logic CS5012A-BL7Z Datasheet HTML 9Page - Cirrus Logic CS5012A-BL7Z Datasheet HTML 10Page - Cirrus Logic CS5012A-BL7Z Datasheet HTML 11Page - Cirrus Logic CS5012A-BL7Z Datasheet HTML 12Page - Cirrus Logic CS5012A-BL7Z Datasheet HTML 13Page - Cirrus Logic CS5012A-BL7Z Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
CS5012A, CS5014, CS5016
DIGITAL CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V ±10%; VA-, VD- = -5V ±10%)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
2.0
-
-
V
Low-Level Input Voltage
VIL
-
-
0.8
V
High-Level Output Voltage
(Note 12)
VOH
(VD+) - 1.0V
-
-
V
Low-Level Output Voltage
Iout = 1.6mA
VOL
-
-
0.4
V
Input Leakage Current
Iin
-
-
10
µA
3-State Leakage Current
IOZ
-
-
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Notes: 12. Iout = -100 µA. This specification guarantees TTL compatibility (VOH = 2.4V @ Iout = -40 µA).
RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0V, see Note 13)
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Positive Digital
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
4.5
-4.5
4.5
-4.5
5.0
-5.0
5.0
-5.0
VA+
-5.5
5.5
-5.5
V
V
V
V
Analog Reference Voltage
VREF
2.5
4.5
(VA+) - 0.5
V
Analog Input Voltage:
(Note 14)
Unipolar
Bipolar
VAIN
VAIN
AGND
-VREF
-
-
VREF
VREF
V
V
Notes: 13. All voltages with respect to ground.
14. The CS5012A/14/16 can accept input voltages up to the analog supplies (VA+ and VA-).
It will output all 1’s for inputs above VREF and all 0’s for inputs below AGND in unipolar mode
and -VREF in bipolar mode.
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0V, all voltages with repect to ground.)
WARNING: Operation at or beyond these limits may reult in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Positive Digital
(Note 15)
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
-0.3
0.3
-0.3
0.3
6.0
-6.0
6.0
-6.0
V
V
V
V
Input Current, Any Pin Except Supplies
(Note 16)
Iin
-
±10
mA
Analog Input Voltage
(AIN and VREF pins)
VINA
(VA-) - 0.3
(VA+) + 0.3
V
Digital Input Voltage
VIND
-0.3
(VA+) + 0.3
V
Ambient Operating Temperature
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Notes: 15. In addition, VD+ should not be greater than (VA+) + 0.3V.
16. Transient currents of up to 100 mA will not cause SCR latch-up.
2-16
DS14F8
CS5012A CS5014 CS5016
10
DS14F9


Número de pieza similar - CS5012A-BL7Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5012A-BL7 CIRRUS-CS5012A-BL7 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
More results

Descripción similar - CS5012A-BL7Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
logo
National Semiconductor ...
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
   12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com