Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSDF12830YS Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza TSDF12830YS
Descripción Electrónicos  Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF12830YS Datasheet(HTML) 3 Page - Vishay Siliconix

  TSDF12830YS Datasheet HTML 1Page - Vishay Siliconix TSDF12830YS Datasheet HTML 2Page - Vishay Siliconix TSDF12830YS Datasheet HTML 3Page - Vishay Siliconix TSDF12830YS Datasheet HTML 4Page - Vishay Siliconix TSDF12830YS Datasheet HTML 5Page - Vishay Siliconix TSDF12830YS Datasheet HTML 6Page - Vishay Siliconix TSDF12830YS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VISHAY
TSDF12830YS
Document Number 85171
Rev. 1.2, 25-Aug-04
Vishay Semiconductors
www.vishay.com
3
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Amplifier 1
Following data are valid for operating amplifier 1 (pin 1, 3, 2, 5) which is optimized for VHF applications
Amplifier 2
Following data are valid for operating amplifier 2 (pin 6, 4, 2, 5) which is optimized for UHF applications
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Gate 1 - source breakdown
voltage
+ IG1S = 10 mA, VG2S = VDS = 0 + V(BR)G1SS
710
V
Gate 2 - source breakdown
voltage
± IG2S = 10 mA, VG1S = VDS = 0 ± V(BR)G2SS
710
V
Gate 1 - source leakage current + VG1S = 5 V, VG2S = VDS = 0
+ IG1SS
50
µA
Gate 2 - source leakage current ± VG2S = 5 V, VG1S = VDS = 0
± IG2SS
20
nA
Drain - source operating current VDS = VRG1 = 5 V, VG2S = 4 V,
Gate 1 = nc
IDSP
813
17
mA
Gate 2 - source cut-off voltage
VDS = VRG1 = 5 V, Gate 1 = nc,
ID = 20 µA
VG2S(OFF)
0.3
1.2
V
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Drain - source breakdown
voltage
ID = 10 µA, VG2S = VG1S = 0
V(BR)DSS
15
V
Gate 1 - source breakdown
voltage
+ IG1S = 10 mA, VG2S = VDS = 0 + V(BR)G1SS
710
V
± IG2S = 10 mA, VG1S = VDS = 0 ± V(BR)G2SS
710
V
Gate 1 - source leakage current + VG1S = 5 V, VG2S = VDS = 0
+ IG1SS
20
nA
Gate 2 - source leakage current ± VG2S = 5 V, VG1S = VDS = 0
± IG2SS
20
nA
Drain - source operating current VDS = VRG1 = 5 V, VG2S = 4 V,
RG1 = 100 kΩ
IDSO
812
17
mA
Gate 1 - source cut-off voltage
VDS = 5 V, VG2S = 4, ID = 20 µAVG1S(OFF)
0.3
1.0
V
Gate 2 - source cut-off voltage
VDS = VRG1 = 5 V, RG1 =100 kΩ,
ID = 20 µA
VG2S(OFF)
0.3
1.2
V


Número de pieza similar - TSDF12830YS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSDF1205 VISHAY-TSDF1205 Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 5, 30-Jun-00
TSDF1205 VISHAY-TSDF1205 Datasheet
221Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.5, 02-May-05
TSDF1205 VISHAY-TSDF1205 Datasheet
342Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.7, 08-Sep-08
TSDF1205R VISHAY-TSDF1205R Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 5, 30-Jun-00
TSDF1205R VISHAY-TSDF1205R Datasheet
221Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.5, 02-May-05
More results

Descripción similar - TSDF12830YS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSDF72830YS VISHAY-TSDF72830YS Datasheet
253Kb / 7P
   Dual - MOSMIC- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Rev. 1.1, 02-May-05
TSDF52830YS VISHAY-TSDF52830YS Datasheet
120Kb / 7P
   Dual - MOSMIC- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Rev. 1.1, 26-Aug-04
TSDF52830YS VISHAY-TSDF52830YS_08 Datasheet
164Kb / 8P
   Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Rev. 1.2, 05-Sep-08
TSDF54040 VISHAY-TSDF54040 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 16-Mar-99
TSDF53030 VISHAY-TSDF53030 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 05-May-99
TSDF54040X VISHAY-TSDF54040X Datasheet
51Kb / 4P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
TSDF52424 VISHAY-TSDF52424 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 05-Mar-99
TSDF02830YR VISHAY-TSDF02830YR Datasheet
133Kb / 6P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 25-Oct-02
TSDF03030XR VISHAY-TSDF03030XR Datasheet
60Kb / 4P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
TSDF04040XR VISHAY-TSDF04040XR Datasheet
60Kb / 4P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com