Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC4046M Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 74VHC4046M
Descripción Electrónicos  CMOS Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

74VHC4046M Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button 74VHC4046M Datasheet HTML 4Page - National Semiconductor (TI) 74VHC4046M Datasheet HTML 5Page - National Semiconductor (TI) 74VHC4046M Datasheet HTML 6Page - National Semiconductor (TI) 74VHC4046M Datasheet HTML 7Page - National Semiconductor (TI) 74VHC4046M Datasheet HTML 8Page - National Semiconductor (TI) 74VHC4046M Datasheet HTML 9Page - National Semiconductor (TI) 74VHC4046M Datasheet HTML 10Page - National Semiconductor (TI) 74VHC4046M Datasheet HTML 11Page - National Semiconductor (TI) 74VHC4046M Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Comparator I
Comparator II
III
R2e %
R2i %
R2e %
R2i %
– Given f0
– Given f0 and fL
– Given fmax
– Given fmin and fmax
– Use f0 with curve titled
– Calculate fmin from the
– Calculate f0 from the
– Use fmin with curve titled
center frequency vs R1 C
equation fmin e fo b fL
equation fo e fmax 2
offset frequency vs R2
to determine R1 and C1
– Use fmin with curve titled
– Use f0 with curve titled
C to determine R2 and C1
offset frequency vs R2 C
center frequency vs R1 C
– Calculate fmax fmin
to determine R2 and C1
to determine R1 and C1
– Use fmax fmin with curve
– Calculate fmax fmin from
titled fmax fmin vs R2R1
the equation fmax fmin e
to determine ratio R2R1
fo a fL fo b fL
to obtain R1
– Use fmax fmin with curve
titled fmax fmin vs R2R1
to determine ratio R2R1
to obtain R1
(b)
FIGURE 1
(Continued)
Detailed Circuit Description
VOLTAGE CONTROLLED OSCILLATORSOURCE
FOLLOWER
The VCO requires two or three external components to op-
erate These are R1 R2 C1 Resistor R1 and capacitor C1
are selected to determine the center frequency of the VCO
R1 controls the lock range As R1’s resistance decreases
the range of fmin to fmax increases Thus the VCO’s gain
decreases As C1 is changed the offset (if used) of R2 and
the center frequency is changed (See typical performance
curves) R2 can be used to set the offset frequency with 0V
at VCO input If R2 is omitted the VCO range is from 0Hz As
R2 is decreased the offset frequency is increased The ef-
fect of R2 is shown in the design information table and typi-
cal performance curves By increasing the value of R2 the
lock range of the PLL is offset above 0Hz and the gain
(Voltsrad) does not change In general when offset is de-
sired R2 and C1 should be chosen first and then R1 should
be chosen to obtain the proper center frequency
Internally the resistors set a current in a current mirror as
shown in
Figure 1 The mirrored current drives one side of
TLF11675 – 18
FIGURE 2 Logic Diagram for VCO
8


Número de pieza similar - 74VHC4046M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC4046M FAIRCHILD-74VHC4046M Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
74VHC4046M FAIRCHILD-74VHC4046M Datasheet
239Kb / 16P
   CMOS Phase Lock Loop
74VHC4046MTC FAIRCHILD-74VHC4046MTC Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
74VHC4046MTC FAIRCHILD-74VHC4046MTC Datasheet
239Kb / 16P
   CMOS Phase Lock Loop
More results

Descripción similar - 74VHC4046M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046_03 Datasheet
239Kb / 16P
   CMOS Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
Toshiba Semiconductor
T4K71 TOSHIBA-T4K71 Datasheet
189Kb / 2P
   Built-in phase lock loop
logo
Texas Instruments
CD4046BEE4 TI1-CD4046BEE4 Datasheet
927Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Lockedn Loop
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
   CMOS Micropower Phase Locked Loop
December 1992
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
CD4046B TI-CD4046B Datasheet
322Kb / 12P
[Old version datasheet]   CMOS MICROPOWER PHASE-LOCKED LOOP
logo
NXP Semiconductors
74HC7046A PHILIPS-74HC7046A Datasheet
490Kb / 38P
   Phase-locked-loop with lock detector
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com