Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADXL320 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADXL320
Descripción Electrónicos  Small and Thin 5 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADXL320 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXL320 Datasheet HTML 7Page - Analog Devices ADXL320 Datasheet HTML 8Page - Analog Devices ADXL320 Datasheet HTML 9Page - Analog Devices ADXL320 Datasheet HTML 10Page - Analog Devices ADXL320 Datasheet HTML 11Page - Analog Devices ADXL320 Datasheet HTML 12Page - Analog Devices ADXL320 Datasheet HTML 13Page - Analog Devices ADXL320 Datasheet HTML 14Page - Analog Devices ADXL320 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADXL320
Rev. 0 | Page 11 of 16
THEORY OF OPERATION
The ADXL320 is a complete acceleration measurement system
on a single monolithic IC. The ADXL320 has a measurement
range of ±5 g. It contains a polysilicon surface-micromachined
sensor and signal conditioning circuitry to implement an open-
loop acceleration measurement architecture. The output signals
are analog voltages that are proportional to acceleration. The
accelerometer measures static acceleration forces, such as
gravity, which allows it to be used as a tilt sensor.
The sensor is a polysilicon surface-micromachined structure
built on top of a silicon wafer. Polysilicon springs suspend the
structure over the surface of the wafer and provide a resistance
against acceleration forces. Deflection of the structure is
measured using a differential capacitor that consists of
independent fixed plates and plates attached to the moving
mass. The fixed plates are driven by 180° out-of-phase square
waves. Acceleration deflects the beam and unbalances the
differential capacitor, resulting in an output square wave whose
amplitude is proportional to acceleration. Phase-sensitive
demodulation techniques are then used to rectify the signal and
determine the direction of the acceleration.
The demodulator’s output is amplified and brought off-chip
through a 32 kΩ resistor. The user then sets the signal
bandwidth of the device by adding a capacitor. This filtering
improves measurement resolution and helps prevent aliasing.
PERFORMANCE
Rather than using additional temperature compensation
circuitry, innovative design techniques have been used to ensure
high performance is built-in. As a result, there is neither
quantization error nor nonmonotonic behavior, and
temperature hysteresis is very low (typically less than 3 mg over
the −20°C to +70°C temperature range).
Figure 10 shows the zero g output performance of eight parts
(X- and Y-axis) over a −20°C to +70°C temperature range.
Figure 13 demonstrates the typical sensitivity shift over
temperature for supply voltages of 3 V. This is typically better
than ±1% over the −20°C to +70°C temperature range.


Número de pieza similar - ADXL320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
More results

Descripción similar - ADXL320

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
ADXL322 AD-ADXL322_15 Datasheet
401Kb / 16P
   Small and Thin 2 g Accelerometer
ADXL321 AD-ADXL321 Datasheet
379Kb / 16P
   Small and Thin 18 g Accelerometer
REV. 0
ADXL322 AD-ADXL322 Datasheet
363Kb / 16P
   Small and Thin -2 g Accelerometer
REV. 0
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
   Small and thin
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com