Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AMD29F010B-55JC Datasheet(PDF) 4 Page - Advanced Micro Devices |
|
AMD29F010B-55JC Datasheet(HTML) 4 Page - Advanced Micro Devices |
4 / 34 page 4 Am29F010B PRODUCT SELECTOR GUIDE Note: See the AC Characteristics section for full specifications. BLOCK DIAGRAM Family Part Number Am29F010B Speed Option VCC = 5.0 V ± 5% -45 VCC = 5.0 V ± 10% -55 -70 -90 -120 Max Access Time (ns) 45 55 70 90 120 CE# Access (ns) 45 55 70 90 120 OE# Access (ns) 25 30 30 35 50 Input/Output Buffers X-Decoder Y-Decoder Chip Enable Output Enable Logic Erase Voltage Generator PGM Voltage Generator Timer VCC Detector State Control Command Register VCC VSS WE# CE# OE# STB STB DQ0 –DQ7 Data Latch Y-Gating Cell Matrix A0–A16 |
Número de pieza similar - AMD29F010B-55JC |
|
Descripción similar - AMD29F010B-55JC |