Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMD27C64-200PI Datasheet(PDF) 9 Page - Advanced Micro Devices

No. de pieza AMD27C64-200PI
Descripción Electrónicos  64 Kilobit (8,192 x 8-Bit) CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD27C64-200PI Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AMD27C64-200PI Datasheet HTML 3Page - Advanced Micro Devices AMD27C64-200PI Datasheet HTML 4Page - Advanced Micro Devices AMD27C64-200PI Datasheet HTML 5Page - Advanced Micro Devices AMD27C64-200PI Datasheet HTML 6Page - Advanced Micro Devices AMD27C64-200PI Datasheet HTML 7Page - Advanced Micro Devices AMD27C64-200PI Datasheet HTML 8Page - Advanced Micro Devices AMD27C64-200PI Datasheet HTML 9Page - Advanced Micro Devices AMD27C64-200PI Datasheet HTML 10Page - Advanced Micro Devices AMD27C64-200PI Datasheet HTML 11Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AMD
2-18
Am27C64
CAPACITANCE
Parameter
Test
Symbol
Parameter Description
Conditions
Typ
Max
Typ
Max
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
8
10
6
10
5
10
pF
COUT
Output Capacitance
VOUT = 0
11
14
8
12
8
10
pF
Notes:
1. This parameter is only sampled and not 100% tested.
2. TA = +25
°C, f = 1 MHz.
CDV028
PL 032
PD 028
SWITCHING CHARACTERISTICS over operating range unless otherwise specified
(Notes 1, 3 and 4)
Parameter
Test
JEDEC
Standard Description
Conditions
-45
-55
-70
-90
-120
-150
-200
-255
Unit
tAVQV
tACC
Address to
CE = OE = Min
––––
Output Delay
VIL
Max
45
55
70
90
120
150
200
250
ns
tELQV
tCE
Chip Enable to
OE = VIL
Min
––––
Output Delay
Max
45
55
70
90
120
150
200
250
ns
tGLQV
tOE
Output Enable to
CE = VIL
Min
––––
Output Delay
Max
30
35
40
40
50
50
50
50
ns
tEHQZ
tDF
Min
––––
tGHQZ
(Note 2)
Max
25
25
25
25
30
30
30
30
ns
tAXQX
tOH
Output Hold from
Min
0
0
0
0
0000
Addresses,
CE,or OE,
Max
––––
ns
whichever occurred first
Parameter
Symbols
Am27C64
Notes:
1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. This parameter is only sampled and not 100% tested.
3. Caution: The Am27C64 must not be removed from (or inserted into) a socket or board when VPP or VCC is applied.
4. For the -45, -55 and -70:
Output Load: 1 TTL gate and CL = 30 pF
Input Rise and Fall Times: 20 ns
Input Pulse Levels: 0 V to 3 V
Timing Measurement Reference Level: 1.5 V for inputs and outputs
For all other versions:
Output Load: 1 TTL gate and CL = 100 pF
Input Rise and Fall Times: 20 ns
Input Pulse Levels: 0.45 V to 2.4 V
Timing Measurement Reference Level: 0.8 V and 2 V inputs and outputs
Chip Enable HIGH or
Output Enable HIGH,
whichever comes
first, to Output Float


Número de pieza similar - AMD27C64-200PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
More results

Descripción similar - AMD27C64-200PI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
   64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
logo
NEC
UPD2764 NEC-UPD2764 Datasheet
277Kb / 3P
   8,192 x 8-BIT NMOS UV/OTP EPROM
logo
Advanced Micro Devices
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
   512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
logo
NEC
UPD4464 NEC-UPD4464 Datasheet
280Kb / 6P
   8,192 X 8 - BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com