Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24FC64LETE13REV-D Datasheet(PDF) 4 Page - Catalyst Semiconductor

No. de pieza CAT24FC64LETE13REV-D
Descripción Electrónicos  64K-Bit I2C Serial CMOS EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC64LETE13REV-D Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT24FC64LETE13REV-D Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC64LETE13REV-D Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC64LETE13REV-D Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC64LETE13REV-D Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC64LETE13REV-D Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC64LETE13REV-D Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC64LETE13REV-D Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC64LETE13REV-D Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC64LETE13REV-D Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT24FC64
4
Doc. No. 1046, Rev. G
FUNCTIONAL DESCRIPTION
The CAT24FC64 supports the I2C Bus data transmission
protocol. This Inter-Integrated Circuit Bus protocol defines
any device that sends data to the bus to be a transmitter
and any device receiving data to be a receiver. The
transfer is controlled by the Master device which
generates the serial clock and all START and STOP
conditions for bus access. The CAT24FC64 operates as
a Slave device. Both the Master device and Slave device
can operate as either transmitter or receiver, but the
Master device controls which mode is activated.
PIN DESCRIPTIONS
SCL: Serial Clock
The serial clock input clocks all data transferred into or
out of the device.
SDA: Serial Data/Address
The bidirectional serial data/address pin is used to
transfer all data into and out of the device. The SDA pin
is an open drain output and can be wire-ORed with other
open drain or open collector outputs.
WP: Write Protect
This input, when tied to GND, allows write operations to
the entire memory.
When this pin is tied to Vcc, the
entire memory is write protected. When left floating,
memory is unprotected.
Figure 3. Start/Stop Timing
Figure 2. Write Cycle Timing
Figure 1. Bus Timing
START BIT
SDA
STOP BIT
SCL
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
A0, A1, A2: Device Address Inputs
These pins are hardwired or left connected. When
hardwired, up to eight CAT24FC64's may be addressed
on a single bus system.
When the pins are left
unconnected, the default values are zero.


Número de pieza similar - CAT24FC64LETE13REV-D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24FC64LETE13 CATALYST-CAT24FC64LETE13 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Descripción similar - CAT24FC64LETE13REV-D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24LC64-I-ST MICROCHIP-24LC64-I-ST Datasheet
370Kb / 26P
   64K I2C??Serial EEPROM
07/28/03
24AA64 MICROCHIP-24AA64 Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
24AA64T-IMC MICROCHIP-24AA64T-IMC Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
24AA64-SN MICROCHIP-24AA64-SN Datasheet
1Mb / 44P
   64K I2C??Serial EEPROM
1997-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com