Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMM5701LG Datasheet(PDF) 5 Page - Fujitsu Component Limited.

No. de pieza FMM5701LG
Descripción Electrónicos  LNA MMIC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FMM5701LG Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FMM5701LG Datasheet HTML 1Page - Fujitsu Component Limited. FMM5701LG Datasheet HTML 2Page - Fujitsu Component Limited. FMM5701LG Datasheet HTML 3Page - Fujitsu Component Limited. FMM5701LG Datasheet HTML 4Page - Fujitsu Component Limited. FMM5701LG Datasheet HTML 5Page - Fujitsu Component Limited. FMM5701LG Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DESCRIPTION
The FMM5701X is a LNA MMIC designed for applications in the
18-28GHz frequency range. This product is well suited for satellite
communications and radio link applications where low noise and high
gain is required.
Fujitsu’s stringent Quality Assurance Program assures the highest
reliability and consistent performance.
NOISE FIGURE & Gas vs. FREQUENCY
Frequency (GHz)
10
1
0
2
3
4
5
6
7
8
9
10
0
-10
-5
-15
0
5
10
15
20
25
30
12
14
16
18
20
22
24
26
28
30
Gas
NF
VDD=5V, IDD=12mA
(ZS=ZL=50W)
(Tuned for
Gopt)
682
Data Sheets
1999 Microwave Databook
FMM5701X
24GHz Low Noise Amplifier MMIC
Item
Drain Voltage
Gate Voltage
Storage Temperature
Channel Temperature
Symbol
VDD
VGG
7.0
-3.0
-65 to +175
+175
V
V
¡C
¡C
Tstg
Tch
Condition
Unit
Rating
ABSOLUTE MAXIMUM RATING (Ambient Temperature Ta=25
¡C)
FEATURES
• Low Noise Figure: NF=1.5dB (MAX.) @ f=20GHz
NF=1.8dB (MAX.) @ f=24GHz
NF=2.3dB (MAX.) @ f=28GHz
• High Associated Gain: Gas=15.0dB (MIN.) @ f=20GHz
Gas=12.0dB (MIN.) @ f=24GHz
Gas=9.0dB (MIN.) @f=28GHz
• Wide Frequency Band: 18-28GHz
Item
Symbol
VDD = 5V
ID=12mA
Noise Figure
NF
-
-
1.5
dB
f=20GHz
f=24GHz
15.0
-
-
dB
f=20GHz
f=24GHz
-
-
1.8
dB
f=28GHz
-
-
2.3
dB
12.0
-
-
dB
f=28GHz
9.0
-
-
dB
Associated Gain
Gas
Conditions (2)
Unit
Limits
Typ.
Max.
Min.
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25
¡C)
Note 1: RF parameters sample size 10pcs. criteria (accept/reject = (2/3)
Note 2: Tuned for
Gopt


Número de pieza similar - FMM5701LG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
FMM5701X FUJITSU-FMM5701X Datasheet
150Kb / 4P
   24GHz Low Noise Amplifier MMIC
More results

Descripción similar - FMM5701LG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Semiconductor ...
ASL226 ASB-ASL226_17 Datasheet
1Mb / 22P
   MMIC LNA
June 2017
ASL30G ASB-ASL30G_17 Datasheet
1Mb / 22P
   DC MMIC LNA
February 2017
logo
Broadcom Corporation.
DEMO-MGA8756-3 BOARDCOM-DEMO-MGA8756-3 Datasheet
132Kb / 9P
   GaAs MMIC LNA
logo
Advanced Semiconductor ...
ASL226 ASB-ASL226 Datasheet
1Mb / 21P
   700-6000MHz MMIC LNA
September 2012
logo
Eudyna Devices Inc
FMM5703X EUDYNA-FMM5703X Datasheet
886Kb / 4P
   24-32GHz LNA MMIC
logo
Advanced Semiconductor ...
ASL09C ASB-ASL09C_17 Datasheet
861Kb / 10P
   High Linearity LNA MMIC
April 2017
ASL210 ASB-ASL210_17 Datasheet
460Kb / 10P
   High Linearity LNA MMIC
April 2017
logo
Filtronic Compound Semi...
FMA219 FILTRONIC-FMA219 Datasheet
328Kb / 5P
   X-BAND LNA MMIC
logo
Eudyna Devices Inc
FMM5704X EUDYNA-FMM5704X Datasheet
1Mb / 4P
   36-40GHz LNA MMIC
logo
Advanced Semiconductor ...
ASL41S9 ASB-ASL41S9_17 Datasheet
510Kb / 11P
   High Linearity LNA MMIC
January 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com