Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMM5701X Datasheet(PDF) 2 Page - Fujitsu Component Limited.

No. de pieza FMM5701X
Descripción Electrónicos  24GHz Low Noise Amplifier MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FMM5701X Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FMM5701X Datasheet HTML 1Page - Fujitsu Component Limited. FMM5701X Datasheet HTML 2Page - Fujitsu Component Limited. FMM5701X Datasheet HTML 3Page - Fujitsu Component Limited. FMM5701X Datasheet HTML 4Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FMM5701X
24GHz Low Noise Amplifier MMIC
BONDING LAYOUT
RF out and VDD
RF in and VGG
Freq.
(GHz)
(MAG)
(ANG)
NFmin
(dB)
Rn
Γopt
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0.793
0.670
0.582
0.526
0.492
0.475
0.468
0.464
0.458
0.441
0.408
0.352
0.266
0.212
0.202
13.4
26.9
38.5
54.4
69.1
84.7
101.6
120.1
140.4
162.9
-172.2
-144.5
-113.9
-88.5
-58.0
0.78
0.84
0.90
0.97
1.03
1.09
1.16
1.22
1.28
1.35
1.41
1.47
1.54
1.60
1.66
0.47
0.39
0.34
0.27
0.23
0.19
0.14
0.10
0.07
0.05
0.05
0.07
0.11
0.16
0.23
NOISE PARAMETERS
VDD=5V, IDD=12mA
S-PARAMETERS
VDD = 5V, IDS = 12mA
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
15000
.469
-131.8
8.289
130.9
.017
23.3
.350
-132.7
16000
.492
-137.9
7.642
115.7
.018
16.6
.330
-138.4
17000
.512
-145.8
6.987
101.5
.020
10.9
.311
-144.1
18000
.542
-153.9
6.487
87.3
.021
7.0
.296
-149.0
19000
.568
-162.7
5.950
73.6
.023
2.3
.287
-154.2
20000
.598
-172.5
5.456
60.1
.025
-3.6
.283
-160.2
21000
.615
178.2
5.027
47.5
.026
-7.5
.273
-165.6
22000
.640
168.3
4.634
34.5
.028
-10.9
.268
-170.8
23000
.663
158.5
4.258
22.0
.030
-15.1
.265
-176.5
24000
.683
148.6
3.919
9.9
.032
-17.9
.262
178.5
25000
.702
138.7
3.638
-2.2
.035
-21.1
.265
172.7
26000
.722
128.8
3.318
-14.3
.038
-27.0
.267
166.4
27000
.732
119.0
3.033
-25.1
.040
-28.3
.265
162.1
28000
.737
109.4
2.820
-35.8
.044
-31.7
.266
155.5
29000
.756
99.4
2.595
-47.7
.048
-37.4
.271
150.6
30000
.762
90.3
2.370
-57.4
.051
-40.3
.270
144.9
NOTE:* The data includes bonding wires.
n: number of wires
RF IN
n=1 (0.3mm length, 25µm Dia Au wire)
RF OUT n=1 (0.3mm length, 25µm Dia Au wire)
GND
n=6 (0.3mm length, 25µm Dia Au wire)
Download S-Parameters, click here


Número de pieza similar - FMM5701X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
FMM5701LG FUJITSU-FMM5701LG Datasheet
79Kb / 6P
   LNA MMIC
More results

Descripción similar - FMM5701X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
United Monolithic Semic...
CHA2090 UMS-CHA2090 Datasheet
130Kb / 8P
   17-24GHz Low Noise Amplifier
CHA2292 UMS-CHA2292_07 Datasheet
221Kb / 7P
   16-24GHz Low Noise, Variable Gain Amplifier
CHA2292 UMS-CHA2292 Datasheet
136Kb / 6P
   17-24GHz Low Noise, Variable Gain Amplifier
CHA2292 UMS-CHA2292_15 Datasheet
158Kb / 6P
   16-24GHz Low Noise, Variable Gain Amplifier
logo
Analog Devices
HMC8400 AD-HMC8400 Datasheet
312Kb / 15P
   MMIC Low Noise Amplifier
HMC753 AD-HMC753_17 Datasheet
282Kb / 13P
   MMIC Low Noise Amplifier
HMC903LP3E AD-HMC903LP3E Datasheet
281Kb / 13P
   MMIC, Low Noise Amplifier
HMC7950 AD-HMC7950 Datasheet
405Kb / 16P
   MMIC Low Noise Amplifier
logo
Mini-Circuits
PMA-5452++ MINI-PMA-5452+ Datasheet
155Kb / 1P
   Ultra Low Noise MMIC Amplifier
PMA-5456++ MINI-PMA-5456+ Datasheet
156Kb / 1P
   Ultra Low Noise MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com