Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC151X01-C3 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza LC151X01-C3
Descripción Electrónicos  15.1 Title XGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LC151X01-C3 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LC151X01-C3 Datasheet HTML 2Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 3Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 4Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 5Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 6Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 7Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 8Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 9Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Product Specification
6 / 27
LC151X01
Liquid Crystal Display
Ver. 0.2
Mar.06. 2002
3. Electrical Specifications
3-1. Electrical Characteristics
The LC151X01 requires two power inputs. One is employed to power the LCD electronics and to drive the T
FT array and liquid crystal. The second input power for the CCFL, is typically generated by an
inverter. The inverter is an external unit to the LCDs.
Table 2. ELECTRICAL CHARACTERISTICS
Note : The design of the inverter must have specifications for the lamp in LCD Assembly.
The performance of the Lamp in LCM, for example life time or brightness, is extremely influenced by
the characteristics of the DC-AC inverter. So all the parameters of an inverter should be carefully
designed so as not to produce too much leakage current from high-voltage output of the inverter.
When you design or order the inverter, please make sure unwanted lighting caused by the mismatch
of the lamp and the inverter (no lighting, flicker, etc) never occurs. When you confirm it, the LCD –
Assembly should be operated in the same condition as installed in you instrument.
1. The specified current and power consumption are under the V
CC=5.0V, 25 C,fV=60Hz condition
whereas mosaic pattern(8 x 6) is displayed and f
V is the frame frequency.
2. The duration of rush current is about 2ms and rising time of Power Input is 1ms(min.).
3. The variance of the voltage is
± 10%.
4. The voltage above V
S should be applied to the lamps for more than 1 second for start-up.
Otherwise, the lamps may not be turned on. The used lamp current is the lamp typical current.
5
Watt
19.0
17.3
PBL
Power Consumption
6
Min
3
Ts
Discharge Stabilization Time
at 0 C
at 25 C
VRMS
1170
3
kHz
80
60
50
fBL
Operating Frequency
4
Vs
Established Starting Voltage
VRMS
900
3
VRMS
660(3mA)
540(8mA)
520(9mA)
VBL
Operating Voltage
mA
9.0
8.0
3.0
IBL
Operating Current
LAMP :
1
Watt
1.49
1.44
1.34
Pc
Power Consumption
2
A
3.0
-
-
IRUSH
Rush current
Vdc
5.5
5.0
4.5
Vcc
Power Supply Input Voltage
1
mA
330
287
244
Icc
Power Supply Input Current
6
Hrs
50,000
Life Time
MODULE :
Parameter
Symbol
Max
Typ
Min
Notes
Unit
Values


Número de pieza similar - LC151X01-C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
LC151 SEOUL-LC151 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC151 SEOUL-LC151 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC151 SEOUL-LC151 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC151 SEOUL-LC151 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC151 SEOUL-LC151 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Descripción similar - LC151X01-C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AAEON Technology
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
logo
List of Unclassifed Man...
M150XN07 ETC2-M150XN07_07 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
logo
AU Optronics Corp.,
M150XN07V.2 AUO-M150XN07V.2 Datasheet
511Kb / 29P
   15.0inch XGA Color TFT-LCD Module
logo
Axiomtek Co., Ltd.
P6121 AXIOMTEK-P6121 Datasheet
271Kb / 2P
   12.1 XGA TFT LED backlight LCD
P6153LPR-AC-U AXIOMTEK-P6153LPR-AC-U Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
logo
List of Unclassifed Man...
M150XN07 ETC-M150XN07 Datasheet
239Kb / 26P
   15.0??XGA Color TFT-LCD Module
logo
Axiomtek Co., Ltd.
P6101 AXIOMTEK-P6101 Datasheet
290Kb / 2P
   10.4 XGA TFT Industrial LCD Monitor
P6151 AXIOMTEK-P6151 Datasheet
184Kb / 2P
   15 TFT XGA LED backlight LCD
P6153LPR-AC-RS AXIOMTEK-P6153LPR-AC-RS Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com