|
| MMBL4148H |
|
||
|
ETC |
|
3 page
+10V 820Ω Ω Ω Ω 2.0K 100 µH 0.1uF 50 OUT P UT P ULS E G E NE R AT OR 50 INP UT S AMP LING OS C ILLOS C OP E IF D.U.T. 0.1µF V R INP UT S IG NAL tr tp 10% 90% t IF IR trr t IR (R E C )=1.0mA OUT P UT P ULS E (IF=IR =10mA, ME AS UR E D AT IR (R E C )=1.0mA Notes:1. A 2.0 k variable resistor for a F orward C urrent (IF ) 0f 10 mA 2. Input pules is adjusted so IR (peak) is equal to 10 mA 3. tp trr F igure 1. R ecovery T ime E quivalent T es t C ircuit MMBL4148H V R , R E VE R S E VOLTAGE (VOLTS ) F igure 4. C apacitance 0 2 4 6 8 0.68 0.64 0.60 0.56 0.52 T A=85 C T A=-40 C T A=25 C 0.2 0.4 0.6 0.8 1.0 1.2 V F, FOR WAR D VOLTAGE (VOLTS ) F igure 2. F orward V oltage 100 10 1.0 0.1 WEITRON WE IT R ON T A=125 C T A=85 C T A=55 C T A=25 C T A=150 C 0 10 20 30 40 50 V R , R E VE R S E VOLTAGE (VOLTS ) F igure 3. L eakage C urrent 0.001 0.01 0.1 1.0 10 http://www.weitron.com.tw » |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| 1N4448W | FAST SWITCHING SURFACE MOUNT DIODE | 1 2 | Transys Electronics |
| BAV19W | SURFACE MOUNT SWITCHING DIODE | 1 2 | Transys Electronics |
| BAS19W | SURFACE MOUNT FAST SWITCHING DIODE | 1 2 3 | Won-Top Electronics |
| CDSN4148SE | SURFACE MOUNT SWITCHING DIODE | 1 2 3 | Cystech Electonics Corp. |
| CMPD6001 | SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE | 1 2 | Central Semiconductor Corp |
| MMBD4448W | SURFACE MOUNT FAST SWITCHING DIODE | 1 2 3 | Diodes Incorporated |
| BAS19 | Surface Mount Switching Diode | 1 2 3 | Weitron Technology |
| MMBD4448W | Surface Mount Switching Diode | 1 2 3 | Weitron Technology |
| BAS16W | Surface Mount Switching Diode | 1 2 | Comchip Technology |
| BAV201 | SURFACE MOUNT SWITCHING DIODE | 1 2 | Transys Electronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |