Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N02L163WN1AT2 Datasheet(PDF) 2 Page - NanoAmp Solutions, Inc.

No. de pieza N02L163WN1AT2
Descripción Electrónicos  2Mb Ultra-Low Power Asynchronous CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NANOAMP [NanoAmp Solutions, Inc.]
Página de inicio  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02L163WN1AT2 Datasheet(HTML) 2 Page - NanoAmp Solutions, Inc.

  N02L163WN1AT2 Datasheet HTML 1Page - NanoAmp Solutions, Inc. N02L163WN1AT2 Datasheet HTML 2Page - NanoAmp Solutions, Inc. N02L163WN1AT2 Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02L163WN1AT2 Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02L163WN1AT2 Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02L163WN1AT2 Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02L163WN1AT2 Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02L163WN1AT2 Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02L163WN1AT2 Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
(DOC# 14-02-014 REV L ECN# 01-1000)
2
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N02L163WN1A
Pin Configurations
Pin Descriptions
Pin Name
Pin Function
A0-A16
Address Inputs
WE
Write Enable Input
CE
Chip Enable Input
OE
Output Enable Input
LB
Lower Byte Enable Input
UB
Upper Byte Enable Input
I/O0-I/O15
Data Inputs/Outputs
NC
Not Connected
VCC
Power
VSS
Ground
PIN
ONE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A4
A3
A2
A1
A0
CE
I/O0
I/O1
I/O2
I/O3
VCC
VSS
I/O4
I/O5
I/O6
I/O7
WE
A16
A15
A14
A13
A12
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A5
A6
A7
OE
UB
LB
I/O15
I/O14
I/O13
I/O12
VSS
VCC
I/O11
I/O10
I/O9
I/O8
NC
A8
A9
A10
A11
NC
12
345
6
A
LB
OE
A0
A1
A2
NC
B I/O8 UB
A3
A4
CE
I/O0
C I/O9 I/O10 A5
A6
I/O1
I/O2
D VSS I/O11 NC
A7
I/O3
VCC
E VCC I/O12 NC A16 I/O4 VSS
F I/O14 I/O13 A14 A15 I/O5 I/O6
G I/O15 NC A12 A13 WE I/O7
H
NC
A8
A9
A10
A11
NC
48 Pin BGA (top)
6 x 8 mm


Número de pieza similar - N02L163WN1AT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB NANOAMP-N02L163WC2AB Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB2 NANOAMP-N02L163WC2AB2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT NANOAMP-N02L163WC2AT Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT2 NANOAMP-N02L163WC2AT2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
More results

Descripción similar - N02L163WN1AT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
ON Semiconductor
N02L63W3A ONSEMI-N02L63W3A Datasheet
664Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16bit
July 2008 - Rev. 15
logo
NanoAmp Solutions, Inc.
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com