Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA25C020LENX Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza SA25C020LENX
Descripción Electrónicos  2Mb EEPROM with 25MHz SPI Bus Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SA25C020LENX Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SA25C020LENX Datasheet HTML 6Page - List of Unclassifed Manufacturers SA25C020LENX Datasheet HTML 7Page - List of Unclassifed Manufacturers SA25C020LENX Datasheet HTML 8Page - List of Unclassifed Manufacturers SA25C020LENX Datasheet HTML 9Page - List of Unclassifed Manufacturers SA25C020LENX Datasheet HTML 10Page - List of Unclassifed Manufacturers SA25C020LENX Datasheet HTML 11Page - List of Unclassifed Manufacturers SA25C020LENX Datasheet HTML 12Page - List of Unclassifed Manufacturers SA25C020LENX Datasheet HTML 13Page - List of Unclassifed Manufacturers SA25C020LENX Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
SA25C020 Advanced Information
SAIFUN
10
AC Test Conditions
Table 3. AC Test Conditions
25 MHz
Symbol
Parameter
Min
Typ
Max
Unit
FSCK
SCK Clock Frequency
D.C.
25
MHz
tCRT
Clock Rise Time (Slew Rate)
0.1
V/ns
tCFT
Clock Fall Time (Slew Rate)
0.1
V/ns
tWH
SCK High Time
18
ns
tWL
SCK Low Time
18
ns
tCS
CSb High Time
100
ns
tCSS
**
CSb Setup Time
10
ns
tCSH
**
CSb HOLD Time
10
ns
tHD
**
HOLDb Setup Time
10
ns
tCD
**
HOLDb Hold Time
10
ns
tV
Output Valid
0
15
ns
tHO
Output Hold Time
0
ns
tHD:DAT
Data in Hold Time
5
ns
tSU:DAT
Data in Setup Time
5
ns
tLZ
**
HOLDb to Output Low Z
15
ns
tHZ
**
HOLDb to Output High Z
20
ns
tDIS
**
Output Disable Time
15
ns
tWPS
**
Write Protect Setup Time
20
ns
tWPH
**
Write Protect Hold Time
100
ns
tPW*
Byte or Page Write
10
15
ms
tRES
Release SP Mode
1000
ns
Endurance
100K
Erase cycles
* 256 bytes in the checkerboard programming formation.
** Value guaranteed by characterization, not 100% tested in production


Número de pieza similar - SA25C020LENX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SA25C1024 ETC-SA25C1024 Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMN ETC-SA25C1024HEMN Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEMNX ETC-SA25C1024HEMNX Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HEN ETC-SA25C1024HEN Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
SA25C1024HENX ETC-SA25C1024HENX Datasheet
1Mb / 19P
   1Mb EEPROM SPI with 10MHz and Low Standby
More results

Descripción similar - SA25C020LENX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SA25F020 ETC1-SA25F020 Datasheet
560Kb / 37P
   2Mb Serial Flash with 25MHz SPI Bus Interface
logo
Rohm
BR25G1M-3 ROHM-BR25G1M-3 Datasheet
719Kb / 33P
   SPI BUS EEPROM
BR25S320-W ROHM-BR25S320-W_12 Datasheet
678Kb / 35P
   SPI BUS EEPROM
BR25G128-3 ROHM-BR25G128-3 Datasheet
769Kb / 36P
   SPI BUS EEPROM
BR25G320-3 ROHM-BR25G320-3 Datasheet
2Mb / 36P
   SPI BUS EEPROM
logo
Sanyo Semicon Device
LE25CB1282 SANYO-LE25CB1282 Datasheet
342Kb / 13P
   EEPROM (SPI Bus)
logo
Rohm
BR25G256-3 ROHM-BR25G256-3 Datasheet
2Mb / 35P
   SPI BUS EEPROM
BR25G128XXX-5A ROHM-BR25G128XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
BR25G1MXXX-5A ROHM-BR25G1MXXX-5A Datasheet
1Mb / 40P
   SPI BUS EEPROM
10.Jun.2022 Rev.001
BR25G256XXX-5A ROHM-BR25G256XXX-5A Datasheet
1Mb / 42P
   SPI BUS EEPROM
02.Jun.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com