Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS6578CNTR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza SS6578CNTR
Descripción Electrónicos  HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SS6578CNTR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SS6578CNTR Datasheet HTML 1Page - List of Unclassifed Manufacturers SS6578CNTR Datasheet HTML 2Page - List of Unclassifed Manufacturers SS6578CNTR Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6578CNTR Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6578CNTR Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6578CNTR Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6578CNTR Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6578CNTR Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6578CNTR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.SiliconStandard.com
4 of 11
SS6578
TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 1
Frequency & Duty Cycle vs. VIN
VIN ( V)
55
60
65
70
75
80
85
90
Duty
4
6
8
10
12
14
16
18
20
TA = 27
°C
Frequency
0
50
10
15
20
25
30
0
35
Temperature (
°C)
Fig. 2
Duty Cycle vs.Temperature
VIN=5V
0
20
40
60
80
60
65
70
75
80
85
90
VIN=20V
VIN=13V
Temperature (
°C)
Fig. 3
Frequency vs. Temperature
0
10
20
30
40
50
60
70
90
140
190
240
290
VIN=5V
VIN=13V
VIN=20V
RDUTY (MΩ)
Fig. 4
Duty Cycle vs. RDUTY
0
1
2
3
4
60
70
80
90
10
VIN=20V
VIN=10V
VIN=15V
VIN=5V
RDUTY refer to Typ. App.
Circuit.
VIN (V)
Fig. 5
Shutdown Current vs. VIN
20
4
6
8
10
12
14
16
18
0
5
10
15
20
TA=0°C
TA=25°C
TA=70°C
VIN (V)
Fig. 6
Quiescent Current vs. VIN
4
6
8
10
12
14
16
18
20
60
70
80
90
100
110
TA= 25°C
TA= 70°C
TA= 0°C
Rev.2.02 4/06/2004


Número de pieza similar - SS6578CNTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS6578CNTR SSC-SS6578CNTR Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
More results

Descripción similar - SS6578CNTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
logo
Cypress Semiconductor
MB39C502 CYPRESS-MB39C502 Datasheet
1Mb / 46P
   High Efficiency Step Down DC/DC Controller Datasheet
logo
Maxim Integrated Produc...
MAX746 MAXIM-MAX746 Datasheet
157Kb / 16P
   High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
19-0192; Rev 1; 11/93
logo
Torex Semiconductor
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
logo
Linear Technology
LTC1771 LINER-LTC1771_1 Datasheet
237Kb / 16P
   10mA Quiescent Current High Efficiency Step-Down DC/DC Controller
LTC1771 LINER-LTC1771 Datasheet
205Kb / 16P
   Low Quiescent Current High Efficiency Step-Down DC/DC Controller
logo
Maxim Integrated Produc...
MAX747 MAXIM-MAX747 Datasheet
136Kb / 12P
   High-Efficiency PWM, Step-Down P-Channel DC-DC Controller
19-0171; Rev 1; 9/93
logo
Linear Technology
LTC1771 LINER-LTC1771_15 Datasheet
243Kb / 16P
   10A Quiescent Current High Efficiency Step-Down DC/DC Controller
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com