Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS6734-50GZLTR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza SS6734-50GZLTR
Descripción Electrónicos  300MA LOW DROPOUT LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

SS6734-50GZLTR Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SS6734-50GZLTR Datasheet HTML 1Page - List of Unclassifed Manufacturers SS6734-50GZLTR Datasheet HTML 2Page - List of Unclassifed Manufacturers SS6734-50GZLTR Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6734-50GZLTR Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6734-50GZLTR Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6734-50GZLTR Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6734-50GZLTR Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6734-50GZLTR Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6734-50GZLTR Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.SiliconStandard.com
3 of 9
SS6734G
1/15/2005 Rev.2.10
SOT-89 MARKING
Part No.
GXA
Part No.
GXT
SS6734-18GXA
CA18P
SS6734-18GXT
CB18P
SS6734-20GXA
CA20P
SS6734-20GXT
CB20P
SS6734-25GXA
CA25P
SS6734-25GXT
CB25P
SS6734-27GXA
CA27P
SS6734-27GXT
CB27P
SS6734-30GXA
CA30P
SS6734-30GXT
CB30P
SS6734-33GXA
CA33P
SS6734-33GXT
CB33P
SS6734-35GXA
CA35P
SS6734-35GXT
CB35P
SS6734-37GXA
CA37P
SS6734-37GXT
CB37P
SS6734-38GXA
CA38P
SS6734-38GXT
CB38P
SS6734-50GXA
CA50P
SS6734-50GXT
CB50P
SS6734-52GXA
CA52P
SS6734-52GXT
CB52P
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage
-0.3 ~12V
Operating Temperature Range
-40°C~ 85°C
Storage Temperature Range
-65°C~150°C
Maximum Junction Temperature
125°C
Lead Temperature (Soldering) 10 sec.
260°C
Thermal Resistance Junction to Ambient
SOT-89 Package
160°C/W
(Assumes no ambient airflow, no heatsink)
TO-92 Package
150°C/W
SOT-23 Package
180
°C/W
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT


Número de pieza similar - SS6734-50GZLTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Standard Corp.
SS6734-50GZLTR SSC-SS6734-50GZLTR Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
More results

Descripción similar - SS6734-50GZLTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com