Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8922BJ Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza TDA8922BJ
Descripción Electrónicos  2 X 50 W class-D power amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922BJ Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8922BJ Datasheet HTML 6Page - NXP Semiconductors TDA8922BJ Datasheet HTML 7Page - NXP Semiconductors TDA8922BJ Datasheet HTML 8Page - NXP Semiconductors TDA8922BJ Datasheet HTML 9Page - NXP Semiconductors TDA8922BJ Datasheet HTML 10Page - NXP Semiconductors TDA8922BJ Datasheet HTML 11Page - NXP Semiconductors TDA8922BJ Datasheet HTML 12Page - NXP Semiconductors TDA8922BJ Datasheet HTML 13Page - NXP Semiconductors TDA8922BJ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
9397 750 13357
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 1 October 2004
10 of 32
Philips Semiconductors
TDA8922B
2
× 50 W class-D power amplifier
[1]
Hysteresis of 20 degrees will influence restart timing depending on heatsink size.
[2]
Only complete shut-down of amplifier if short-circuit impedance is below threshold of 1
Ω. In all other cases
current limiting: resulting in clipping output signal.
[3]
Fault condition detected during (every) transition between standby-to-mute and during restart after
activation of OCP (short to one of the supply lines).
8.4 Differential audio inputs
For a high common mode rejection ratio and a maximum of flexibility in the application, the
audio inputs are fully differential. By connecting the inputs anti-parallel the phase of one of
the channels can be inverted, so that a load can be connected between the two output
filters. In this case the system operates as a mono BTL amplifier and with the same
loudspeaker impedance an approximately four times higher output power can be
obtained.
The input configuration for a mono BTL application is illustrated in Figure 6.
In the stereo single-ended configuration it is also recommended to connect the two
differential inputs in anti-phase. This has advantages for the current handling of the power
supply at low signal frequencies.
Table 4:
Overview protections TDA8922B
Protection name
Complete shut-down
Restart directly
Restart every 100 ms
OTP
Y
Y [1]
N [1]
OCP
N [2]
Y [2]
N [2]
WP
Y [3]
YN
UVP
Y
N
Y
OVP
YYN
UBP
Y
N
Y
Fig 6.
Input configuration for mono BTL application.
Vin
IN1P
OUT1
power stage
mbl466
OUT2
SGND
IN1M
IN2P
IN2M


Número de pieza similar - TDA8922BJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CJ NXP-TDA8922CJ Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CTH NXP-TDA8922CTH Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922C PHILIPS-TDA8922C_15 Datasheet
239Kb / 40P
   2X75 W class-D power amplifier
Rev. 01-7 September 2009
More results

Descripción similar - TDA8922BJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com