Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFX500C-4F900C Datasheet(PDF) 6 Page - Lattice Semiconductor

No. de pieza LFX500C-4F900C
Descripción Electrónicos  The ispXPGA architecture
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX500C-4F900C Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button LFX500C-4F900C Datasheet HTML 2Page - Lattice Semiconductor LFX500C-4F900C Datasheet HTML 3Page - Lattice Semiconductor LFX500C-4F900C Datasheet HTML 4Page - Lattice Semiconductor LFX500C-4F900C Datasheet HTML 5Page - Lattice Semiconductor LFX500C-4F900C Datasheet HTML 6Page - Lattice Semiconductor LFX500C-4F900C Datasheet HTML 7Page - Lattice Semiconductor LFX500C-4F900C Datasheet HTML 8Page - Lattice Semiconductor LFX500C-4F900C Datasheet HTML 9Page - Lattice Semiconductor LFX500C-4F900C Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
Lattice Semiconductor
ispXPGA Family Data Sheet
6
Configurable Logic Element
The CLE is made up of a four-input Look-up Table (LUT-4), a Carry Chain Generator (CCG), and a two-input AND
gate. The LUT-4 creates various combinatorial and memory elements, the CCG creates a single one-bit full adder,
and the two-input AND gate can expand the CCG to incorporate Booth Multiplier capability by feeding the output of
the AND gate to one of the inputs of the CCG.
Of the five inputs that feed each CLE, two are dedicated inputs into each LUT-4 and the remaining three take on
varying functionality. The third and fourth inputs can be used as either inputs to the LUT-4 or as a Feed-Thru to the
CSE via the WLG. The fifth input can be a data port when the LUT is configured as Distributed Memory, a select
line for multiplexer operation, or a Feed-Thru directly to the CSE via the WLG (Figure 2).
Look-Up Table – Combinatorial Mode
In combinatorial mode, the LUT-4 can implement any logic function up to four inputs. By using the carry chain and
the WLG, each LUT-4 can be combined to form the enhanced functions listed in Table 3.
Look-Up Table – Distributed Memory Mode
In the distributed memory mode, the LUT functions as a memory element. The inputs to the LUT function as
Address and Data. Each PFU is capable of implementing up to 64 SRAM bits. Both single and double port RAM
can be performed in the PFU (Table 3). Furthermore, the distributed memory can be configured as either synchro-
nous or asynchronous memory. Figure 3 illustrates the LUT while in distributed memory mode. When using any
LUT in the PFU in memory mode, the Set/Reset signal will be used for Write Enable (WE(SR)) and the CLK0 signal
will be used as the clock for synchronous read and write.
Figure 3. LUT in Distributed Memory Mode
Look-Up Table – Shift Register Mode
In the shift register mode, the LUT functions as a 1-bit to 8-bit shift register. This means that each PFU can imple-
ment up to four 8-bit shift registers or any cascaded combination. Figure 4 illustrates the LUT when configured in
shift register mode.
LUT-4
ADDR[0] (IN0)
PFUCLK0
ADDR[1] (IN1)
ADDR[2] (IN2)
ADDR[3] (IN3)
CEB0
WE (SR)
DOUT (4A)
DIN (SEL)


Número de pieza similar - LFX500C-4F900C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
LFX500C-4F900C LATTICE-LFX500C-4F900C Datasheet
535Kb / 115P
   ispXPGA Family
More results

Descripción similar - LFX500C-4F900C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
ISPXPGA LATTICE-ISPXPGA Datasheet
535Kb / 115P
   ispXPGA Family
logo
Renesas Technology Corp
RA4M3 RENESAS-RA4M3 Datasheet
1Mb / 92P
   Armv8-M architecture with the main extension
RA6M4 RENESAS-RA6M4 Datasheet
1Mb / 109P
   Armv8-M architecture with the main extension
logo
Hitachi Semiconductor
HD404202 HITACHI-HD404202 Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
   32-bit MCU family built on the Power Architecture for automotive
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATTINY15L ATMEL-ATTINY15L_14 Datasheet
1Mb / 85P
   Advanced RISC Architecture
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
   Fast Architecture SCSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com