Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFX1200B-3F900I Datasheet(PDF) 4 Page - Lattice Semiconductor

No. de pieza LFX1200B-3F900I
Descripción Electrónicos  The ispXPGA architecture
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX1200B-3F900I Datasheet(HTML) 4 Page - Lattice Semiconductor

  LFX1200B-3F900I Datasheet HTML 1Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 2Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 3Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 4Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 5Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 6Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 7Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 8Page - Lattice Semiconductor LFX1200B-3F900I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
Lattice Semiconductor
ispXPGA Family Data Sheet
4
Figure 1. ispXPGA Block Diagram
Programmable Function Unit
The Programmable Function Unit (PFU) is the basic building block of the ispXPGA architecture. The PFUs are
arranged in rows and columns in the device with PFU (1,1) referring to (row 1, column 1). Each PFU consists of
four Configurable Logic Elements (CLEs), four Configurable Sequential Elements (CSEs), and a Wide Logic Gen-
erator (WLG). By utilizing these components, the PFU can implement a variety of functions. Table 3 lists some of
the function capabilities of the PFU.
There are 57 inputs to each PFU and nine outputs. The PFU uses 20 inputs for logic, and 37 inputs drive the con-
trol logic from which six control signals are derived for the PFU.
Table 3. Function Capability of ispXPGA PFU
Function
Capability
Look-up table
LUT-4, LUT-5, LUT-6
Wide logic functions
Up to 20 input logic functions
Multiplexing
2:1, 4:1, 8:1
Arithmetic logic
Dedicated carry chain and booth multiplication logic
Single-port RAM
16X1, 16X2, 16X4, 32X1, 32X2, 64X1
Double-port RAM
16X1, 16X2, 32X1
Shift register
8-bit shift registers (up to 32-bit shift capability)
PFU
PIC
sysHSI Block
sysCLOCK PLL
sysIO Buffer
sysMEM Block


Número de pieza similar - LFX1200B-3F900I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
LFX1200B-3F900I LATTICE-LFX1200B-3F900I Datasheet
535Kb / 115P
   ispXPGA Family
More results

Descripción similar - LFX1200B-3F900I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lattice Semiconductor
ISPXPGA LATTICE-ISPXPGA Datasheet
535Kb / 115P
   ispXPGA Family
logo
Renesas Technology Corp
RA4M3 RENESAS-RA4M3 Datasheet
1Mb / 92P
   Armv8-M architecture with the main extension
RA6M4 RENESAS-RA6M4 Datasheet
1Mb / 109P
   Armv8-M architecture with the main extension
logo
Hitachi Semiconductor
HD404202 HITACHI-HD404202 Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
   32-bit MCU family built on the Power Architecture for automotive
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATTINY15L ATMEL-ATTINY15L_14 Datasheet
1Mb / 85P
   Advanced RISC Architecture
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
   Fast Architecture SCSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com