Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
54AC378PMX Datasheet(PDF) 5 Page - National Semiconductor (TI) |
|
|
54AC378PMX Datasheet(HTML) 5 Page - National Semiconductor (TI) |
5 / 8 page Ordering Information The device number is used to form part of a simplified purchasing code where a package type and temperature range are defined as follows 74AC 378 P C QR Temperature Range Family Special Variations 74AC eCommercial X e Devices shipped in 13 reels 54AC eMilitary QR e Commercial grade device with burn-in Device Type QB e Military grade with environmental and burn-in processing shipped Package Code in tubes P e Plastic DIP D e Ceramic DIP Temperature Range F e Flatpak C e Commercial (b40 Cto a85 C) L e Leadless Ceramic Chip Carrier (LCC) M e Military (b55 Cto a125 C) S e Small Outline (SOIC) 5 |
Número de pieza similar - 54AC378PMX |
|
Descripción similar - 54AC378PMX |