Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA28F400CV-T80 Datasheet(PDF) 7 Page - Intel Corporation

No. de pieza TPA28F400CV-T80
Descripción Electrónicos  2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

TPA28F400CV-T80 Datasheet(HTML) 7 Page - Intel Corporation

Back Button TPA28F400CV-T80 Datasheet HTML 3Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 4Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 5Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 6Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 7Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 8Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 9Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 10Page - Intel Corporation TPA28F400CV-T80 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
E
2-MBIT SmartVoltage BOOT BLOCK FAMILY
7
SEE NEW DESIGN RECOMMENDATIONS
The 2-Mbit boot block flash memory family provides
full-function, blocked flash memories suitable for a
wide range of applications. These applications
include
extended
PC
BIOS
and
ROM-able
applications storage, digital cellular phone program
and data storage, telecommunication boot/firmware,
printer firmware/font storage and various other
embedded applications where program and data
storage are required.
Reprogrammable
systems,
such
as
personal
computers, are ideal applications for the 2-Mbit
flash
memory
products.
Increasing
software
sophistication greatens the probability that a code
update will be required after the PC is shipped. For
example, the emerging of “plug and play” standard
in
desktop
and
portable
PCs
enables
auto-
configuration
of
ISA
and
PCI
add-in
cards.
However, since the plug and play specification
continues to evolve, a flash BIOS provides a cost-
effective capability to update existing PCs. In
addition, the parameter blocks are ideal for storing
the
required
auto-configuration
parameters,
allowing you to integrate the BIOS PROM and
parameter
storage
EEPROM
into
a
single
component, reducing parts costs while increasing
functionality.
The
2-Mbit
flash
memory
products
are
also
excellent design solutions for digital cellular phone
and
telecommunication
switching
applications
requiring
very
low
power
consumption,
high-
performance,
high-density
storage
capability,
modular software designs, and a small form factor
package. The 2-Mbit’s blocking scheme allows for
easy segmentation of the embedded code with
16 Kbytes of hardware-protected boot code, four
main blocks of program code and two parameter
blocks of 8 Kbytes each for frequently updated data
storage and diagnostic messages (e.g., phone
numbers, authorization codes).
Intel’s boot block architecture provides a flexible
voltage solution for the different design needs of
various applications. The asymmetrically-blocked
memory map allows the integration of several
memory components into a single flash device. The
boot block provides a secure boot PROM; the
parameter
blocks
can
emulate
EEPROM
functionality
for
parameter
store
with
proper
software techniques; and the main blocks provide
code and data storage with access times fast
enough to execute code in place, decreasing RAM
requirements.
1.4
Pinouts
Intel’s
SmartVoltage
Boot
Block
architecture
provides upgrade paths in every package pinout to
the 4 or 8-Mbit density. The 28F002B 40-lead
TSOP pinout for space-constrained designs is
shown in Figure 3. The 28F200 44-lead PSOP
pinout follows the industry-standard ROM/EPROM
pinout, as shown in Figure 4. For designs that
require x16 operation but have space concerns,
refer to the 48-lead pinout in Figure 5. Furthermore,
the 28F200 56-lead TSOP pinout shown in Figure 6
provides compatibility with BX/BL family product
packages.
Pinouts for the corresponding 4-Mbit and 8-Mbit
components are also provided for convenient
reference. 2-Mbit pinouts are given on the chip
illustration in the center, with 4-Mbit and 8-Mbit
pinouts going outward from the center.


Número de pieza similar - TPA28F400CV-T80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toppower Electronic Tec...
TPA2 TOPPOWER-TPA2 Datasheet
182Kb / 3P
   1W Isolated Single and Dual Output DC/DC Converters
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
53Kb / 5P
   TRISIL
TPA200 STMICROELECTRONICS-TPA200 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA200 BILIN-TPA200 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results

Descripción similar - TPA28F400CV-T80

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Sharp Corporation
LH28F002SCH SHARP-LH28F002SCH Datasheet
3Mb / 43P
   2-MBIT(256KBx8) SmartVoltage Flash MEMORY
logo
Intel Corporation
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
logo
Integrated Silicon Solu...
IS28F020BLV ISSI-IS28F020BLV Datasheet
1Mb / 39P
   262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
IS28F004BLV ISSI-IS28F004BLV Datasheet
1Mb / 39P
   524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
logo
Intel Corporation
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com