Nombre de pieza
         Descripción
NTE6885

 Integrated Circuit Hex 3-State Buffer/Inverter ( 4 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Electrical Characteristics (Cont’d): (0
°C ≤ TA ≤ 75°C and 4.75V ≤ VCC ≤ 5.25V unless otherwise
specified for ALL devices)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage – High Logic State
VOH
VCC = 4.75V, IOH = –5.2mA
2.4
V
Output Voltage – Low Logic State
VOL
IOL = 48mA
0.5
V
Output Current – High Impedance State
IOZ
VCC = 5.25V, VOH = 2.4V
40
µA
VCC = 5.25V, VOH = 0.5V
–40
µA
Output Short–Circuit Current
IOS
VCC = 5.25V, VO = 0, Note 1
–40
–80
–115
mA
Power Supply Current
NTE6885, NTE6887
NTE6886, NTE6888
ICC
VCC = 5.25V
65
59
98
89
mA
Input Clamp Voltage
VIC
VCC = 4.75V, IIC = –12mA
–1.5
V
Output VCC Clamp Voltage
VOC
VCC = 0, IOC = 12mA
1.5
V
Output GND Clamp Voltage
VOC
VCC = 0, IOC = –12mA
–1.5
V
Input Voltage
VI
II = 1mA
5.5
V
Note 1. Only one output can be shorted at a time.
Switching Characteristics: (VCC = 5V, TA = +25°C unless otherwise specified)
NTE6885, NTE6887
NTE6886, NTE6888
Parameter
Symbol
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Propagation Delay Time
tPHL
CL = 50pF
3
12
4
11
ns
High to Low State
CL = 250pF
16
15
ns
CL = 375pF
20
18
ns
CL = 500pF
23
22
ns
Propagation Delay Time
tPLH
CL = 50pF
3
13
3
10
ns
Low to High State
CL = 250pF
25
22
ns
CL = 375pF
33
28
ns
CL = 500pF
42
35
ns
Transition Time High to Low State
tTHL
CL = 250pF
10
10
ns
CL = 375pF
11
13
ns
CL = 500pF
14
15
ns
Transition Time Low to High State
tTLH
CL = 250pF
32
28
ns
CL = 375pF
42
38
ns
CL = 500pF
60
53
ns
Propagation Delay Time
High State to Third State
tPHZ(E)
CL = 5pF
10
10
ns
Propagation Delay Time
Low State to Third State
tPLZ(E)
CL = 5pF
12
16
ns
Propagation Delay Time
Third State to High State
tPZH(E)
CL = 50pF
25
22
ns
Propagation Delay Time
Third State to Low State
tPZL(E)
CL = 50pF
25
24
ns
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NTE2027Integrated Circuit Hex LED Digit Driver 1 2 NTE Electronics
S7123SFBipolar Linear Integrated Circuit 1 2 3 AUK corp
S7142SFBipolar Linear Integrated Circuit 1 2 3 AUK corp
UPC258Bipolar Analog Integrated Circuit 1 2 3 4 5 MoreNEC
UZ1086LINEAR INTEGRATED CIRCUIT 1 2 3 4 5 Unisonic Technologies
TC55V4326FF-167MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
TC74ACT540PCMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 1 2 3 4 5 MoreToshiba Semiconductor
TC55NEM208ATENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1 2 3 4 5 MoreToshiba Semiconductor
UPD168113MOS INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
TC7MET541AFKTOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl