Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMF-50426NYJ-SLY Datasheet(PDF) 10 Page - OPTREX CORPORATION

No. de pieza DMF-50426NYJ-SLY
Descripción Electrónicos  LCD Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OPTREX [OPTREX CORPORATION]
Página de inicio  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMF-50426NYJ-SLY Datasheet(HTML) 10 Page - OPTREX CORPORATION

Back Button DMF-50426NYJ-SLY Datasheet HTML 6Page - OPTREX CORPORATION DMF-50426NYJ-SLY Datasheet HTML 7Page - OPTREX CORPORATION DMF-50426NYJ-SLY Datasheet HTML 8Page - OPTREX CORPORATION DMF-50426NYJ-SLY Datasheet HTML 9Page - OPTREX CORPORATION DMF-50426NYJ-SLY Datasheet HTML 10Page - OPTREX CORPORATION DMF-50426NYJ-SLY Datasheet HTML 11Page - OPTREX CORPORATION DMF-50426NYJ-SLY Datasheet HTML 12Page - OPTREX CORPORATION DMF-50426NYJ-SLY Datasheet HTML 13Page - OPTREX CORPORATION DMF-50426NYJ-SLY Datasheet HTML 14Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DMF-50426NYJ-SLY
(AC)
No.99-0013
OPTREX CORPORATION
Page 10/18
OPTREX
4.I/O Terminal
4.1.Pin Assignment
CN1
No.
Symbol
Level
Function
1
VDD
Power Supply for Logic
2
VSS
Power Supply (0V, GND)
3
VLC
Power Supply for LCD Drive
4
DB0
H / L
Data Bus Line
5
DB1
H / L
Data Bus Line
6
DB2
H / L
Data Bus Line
7
DB3
H / L
Data Bus Line
8
DB4
H / L
Data Bus Line
9
DB5
H / L
Data Bus Line
10
DB6
H / L
Data Bus Line
11
DB7
H / L
Data Bus Line
12
CS1
H / L
Chip Select Signal
13
RST
H / L
Reset Signal
L : Reset
14
R/W
H / L
Write Signal
L : Active
15
D/I
H / L
Data/Instruction Signal
16
E
H,H→L
Enable Signal(No pull-up Resister)
17
F GND
Frame Ground
18
NC
Non-connection
19
LED A
LED Anode Terminal
20
LED K
LED Cathode Terminal
4.2.Example of Power Supply
It is recommended to apply a potentiometer for the contrast adjust due to the tolerance
of the driving voltage and its temperature dependence.
VSS
MODULE
VLC
VDD
VLC (-Voltage)
VDD (+Voltage)
Tr=2SA1202 or equivalent
R1+R2+VR=10~20KΩ
VSS (0V)
R2
R1
VR
Tr


Número de pieza similar - DMF-50426NYJ-SLY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kyocera Kinseki Corpota...
DMF-5001 KSS-DMF-5001 Datasheet
269Kb / 4P
   Monochrome Graphic & Character LCDs
logo
OPTREX CORPORATION
DMF-50081 OPTREX-DMF-50081 Datasheet
186Kb / 18P
   LCD Module Specification
logo
OPTEK Technologies
DMF-50081ZNB-FW OPTEK-DMF-50081ZNB-FW Datasheet
169Kb / 18P
   DMF-50081ZNB-FW
logo
OPTREX CORPORATION
DMF-50174 OPTREX-DMF-50174 Datasheet
186Kb / 18P
   LCD Module Specification
DMF-50174NB-FW OPTREX-DMF-50174NB-FW Datasheet
186Kb / 18P
   LCD Module Specification
More results

Descripción similar - DMF-50426NYJ-SLY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HYES Optoelectronics, I...
HT5711LH-T HYES-HT5711LH-T Datasheet
777Kb / 22P
   LCD MODULE
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
List of Unclassifed Man...
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
logo
OPTREX CORPORATION
DMC40457 OPTREX-DMC40457 Datasheet
166Kb / 15P
   LCD Module
logo
AZ Displays
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
   LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
   LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
   LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
   LCD MODULE
TM164ABA ETC-TM164ABA Datasheet
353Kb / 23P
   LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
   LCD Module
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
   LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com