Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IXGR32N60CD1 Datasheet(PDF) 5 Page - IXYS Corporation

No. de pieza IXGR32N60CD1
Descripción Electrónicos  HiPerFAST IGBT with Diode ISOPLUS247
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGR32N60CD1 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGR32N60CD1 Datasheet HTML 1Page - IXYS Corporation IXGR32N60CD1 Datasheet HTML 2Page - IXYS Corporation IXGR32N60CD1 Datasheet HTML 3Page - IXYS Corporation IXGR32N60CD1 Datasheet HTML 4Page - IXYS Corporation IXGR32N60CD1 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2004 IXYS All rights reserved
200
600
1000
0
400
800
60
70
80
90
0.00001
0.0001
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
0
40
80
120
160
0.0
0.5
1.0
1.5
2.0
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800 1000
0
5
10
15
20
0.00
0.25
0.50
0.75
1.00
V
FR
di
F/dt
V
200
600
1000
0
400
800
0
5
10
15
20
25
30
100
1000
0
200
400
600
800
1000
0123
0
10
20
30
40
50
60
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
µs
A
V
nC
A/
µs
A/
µs
t
rr
ns
t
fr
Z
thJC
A/
µs
µs
DSEP 2x31-06B
I
F= 60A
I
F= 30A
I
F= 15A
T
VJ=100°C
V
R = 300V
T
VJ= 100°C
I
F
= 30A
Fig. 14. Peak reverse current I
RM
versus -di
F/dt
Fig. 13. Reverse recovery charge Q
r
versus -di
F/dt
Fig. 12. Forward current I
F versus VF
T
VJ= 100°C
V
R = 300V
T
VJ= 100°C
V
R = 300V
I
F= 60A
I
F= 30A
I
F= 15A
Q
r
I
RM
Fig. 15. Dynamic parameters Q
r, IRM
versus T
VJ
Fig. 16. Recovery time t
rr versus -diF/dt
Fig. 17. Peak forward voltage V
FR and tfr
versus di
F/dt
I
F= 60A
I
F= 30A
I
F= 15A
t
fr
V
FR
Fig. 18. Transient thermal resistance junction to case
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.436
0.0055
2
0.482
0.0092
3
0.117
0.0007
4
0.115
0.0418
T
VJ=25°C
T
VJ=100°C
T
VJ=150°C
IXGR 32N60CD1


Número de pieza similar - IXGR32N60CD1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
IXGR32N60C IXYS-IXGR32N60C Datasheet
544Kb / 4P
   HiPerFASTTM IGBT Lightspeed Series ISOPLUS247TM package(Electrically Isolated Back Side)
More results

Descripción similar - IXGR32N60CD1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
IXGR50N60B IXYS-IXGR50N60B Datasheet
566Kb / 5P
   HiPerFAST IGBT ISOPLUS247
IXGR35N120B IXYS-IXGR35N120B Datasheet
49Kb / 2P
   HiPerFAST IGBT ISOPLUS247
IXGR12N60C IXYS-IXGR12N60C Datasheet
59Kb / 2P
   HiPerFAST IGBT ISOPLUS247
IXGR40N60C IXYS-IXGR40N60C Datasheet
262Kb / 2P
   HiPerFAST IGBT ISOPLUS247
IXGK50N60C2D1 IXYS-IXGK50N60C2D1 Datasheet
628Kb / 6P
   HiPerFAST IGBT with Diode
IXG7N60BD1 IXYS-IXG7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGX50N60AU1 IXYS-IXGX50N60AU1 Datasheet
190Kb / 6P
   HiPerFAST IGBT with Diode
IXGR24N60CD1 IXYS-IXGR24N60CD1 Datasheet
42Kb / 2P
   HiPerFAST IGBT with Diode
IXGA7N60BD1 IXYS-IXGA7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGH32N60CD1 IXYS-IXGH32N60CD1 Datasheet
168Kb / 5P
   HiPerFAST IGBT with Diode
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com