Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KFH1G16U2M-DEB Datasheet(PDF) 4 Page - Samsung semiconductor

No. de pieza KFH1G16U2M-DEB
Descripción Electrónicos  FLASH MEMORY
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFH1G16U2M-DEB Datasheet(HTML) 4 Page - Samsung semiconductor

  KFH1G16U2M-DEB Datasheet HTML 1Page - Samsung semiconductor KFH1G16U2M-DEB Datasheet HTML 2Page - Samsung semiconductor KFH1G16U2M-DEB Datasheet HTML 3Page - Samsung semiconductor KFH1G16U2M-DEB Datasheet HTML 4Page - Samsung semiconductor KFH1G16U2M-DEB Datasheet HTML 5Page - Samsung semiconductor KFH1G16U2M-DEB Datasheet HTML 6Page - Samsung semiconductor KFH1G16U2M-DEB Datasheet HTML 7Page - Samsung semiconductor KFH1G16U2M-DEB Datasheet HTML 8Page - Samsung semiconductor KFH1G16U2M-DEB Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
OneNAND512/OneNAND1GDDP
FLASH MEMORY
4
Document Title
OneNAND
Revision History
The attached datasheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right
to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you have
any questions, please contact the SAMSUNG branch office near you.
Revision No.
0.4
1.0
1.1
1.2
Remark
Preliminary
Final
Final
Draft Date
June 22, 2004
August 5, 2004
August 26, 2004
October 26, 2004
History
1. Corrected the errata
2. Added spare assignment information in detail
3. Added NAND array memory map
4. Added manufacturer ID for CS as 00ECh
5. Added stepping ID for CS in version ID register
6. Divided default status of interrupt status register by Warm,Hot reset and
Cold reset
7. Revised Load operation flow chart
8. Revised Program operation flow chart
9. Deleted DBS setting step in Copy-back operation
10. Added OTP description
11. Revised OTP Load and Program flow chart
12. Added INT guidance
13. ECC description is revised
14. Added Data Protection Scheme during Power-down
15. Added DC/AC parameters
1. Deleted 2.7V product
2. Added 2.65V product
3. Added 3.3V product and industrial temperature in 3.3V product
4. Deleted Unlock/Lock BootRAM command
5. Added DBS setting step in Copy-back operation
6. Added 2.65V/3.3V DC parameters
7. Revised tCES from 9ns to 7ns
8. Deleted tOEH in asynchronous read operation
9. Revised NOP from 4 times per each main and spare in a page to 2 times
per sector
10. Revised Write Protection status description
11. Added DDP selection and operation guidance
12. Added 1Gb DDP device ID
13. Added INT bit status in Cold Reset operation
14. Moved Interrupt register setting before inputting command in all flow
charts
15. Revised Dual operation diagrams
16. Added and revised the asynchronous read operation timing diagram
17. Revised the asynchronous write operation timing diagram
18. Added the tREADY parameter in Hot Reset operation
1. Revised standby current for DDP
1. Corrected DDP device ID
2. Excluded Commercial Temperature range
3. Revised Cold Reset timing diagram
4. Added CE and RDY in Warm Reset diagram
5. Excluded Write while Load and Read while Program operation
6. Revised Extended Temperature minimum value from -25 to -30
7. Revised typical tOTP, tLOCK from 300us to 600us
8. Revised max tOTP, tLOCK from 600us to 1000us
9. Revised Icc4, Icc5 test condition
10. Added Endurance and Data Retention


Número de pieza similar - KFH1G16U2M-DEB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KFH1G16U2M-DEB5 SAMSUNG-KFH1G16U2M-DEB5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFH1G16U2M-DEB6 SAMSUNG-KFH1G16U2M-DEB6 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
More results

Descripción similar - KFH1G16U2M-DEB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com