Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KFW2G16Q2M-DED5 Datasheet(PDF) 5 Page - Samsung semiconductor

No. de pieza KFW2G16Q2M-DED5
Descripción Electrónicos  FLASH MEMORY(54MHz)
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFW2G16Q2M-DED5 Datasheet(HTML) 5 Page - Samsung semiconductor

  KFW2G16Q2M-DED5 Datasheet HTML 1Page - Samsung semiconductor KFW2G16Q2M-DED5 Datasheet HTML 2Page - Samsung semiconductor KFW2G16Q2M-DED5 Datasheet HTML 3Page - Samsung semiconductor KFW2G16Q2M-DED5 Datasheet HTML 4Page - Samsung semiconductor KFW2G16Q2M-DED5 Datasheet HTML 5Page - Samsung semiconductor KFW2G16Q2M-DED5 Datasheet HTML 6Page - Samsung semiconductor KFW2G16Q2M-DED5 Datasheet HTML 7Page - Samsung semiconductor KFW2G16Q2M-DED5 Datasheet HTML 8Page - Samsung semiconductor KFW2G16Q2M-DED5 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 125 page
background image
OneNAND1G(KFG1G16Q2M-DEB5)
FLASH MEMORY
5
OneNAND2G(KFH2G16Q2M-DEB5)
OneNAND4G(KFW4G16Q2M-DEB5)
Samsung offers a variety of Flash solutions including NAND Flash, OneNAND
and NOR Flash. Samsung offers Flash products
both component and a variety of card formats including RS-MMC, MMC, CompactFlash, and SmartMedia.
To determine which Samsung Flash product solution is best for your application, refer the product selector chart.
Application Requires
Samsung Flash Products
NAND
OneNAND
NOR
Fast Random Read
Fast Sequential Read
••
Fast Write/Program
••
Multi Block Erase
• (Max 64 Blocks)
Erase Suspend/Resume
••
Copyback
• (EDC)
• (ECC)
Lock/Unlock/Lock-Tight
••
ECC
External (Hardware/Software)
Internal
X
Scalability
••
1.3
Ordering Information
K F x x x 1 6 Q 2 M - D E B 5
Samsung
OneNAND Memory
Device Type
G : Single Chip
H : Dual Chip
W: Quad Chip
Density
1G: 1Gb
2G: 2Gb
4G: 4Gb
Operating Temperature Range
E = Extended Temp. (-30
°C to 85 °C)
Page Architecture
2 : 2KB Page
Version
1st Generation
Product Line desinator
B : Include Bad Block
D : Daisy Sample
Operating Voltage Range
Q : 1.8V(1.7 V to 1.95V)
Package
D : FBGA(Lead Free)
Organization
x16 Organization
Speed
5 : 54MHz
6 : 66MHz
1.2
Flash Product Type Selector


Número de pieza similar - KFW2G16Q2M-DED5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
KFW2G16Q2M-DED6 SAMSUNG-KFW2G16Q2M-DED6 Datasheet
1Mb / 125P
   FLASH MEMORY(66MHz)
More results

Descripción similar - KFW2G16Q2M-DED5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com