Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4041CQDBZTG4 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza LM4041CQDBZTG4
Descripción Electrónicos  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM4041CQDBZTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4041CQDBZTG4 Datasheet HTML 5Page - Texas Instruments LM4041CQDBZTG4 Datasheet HTML 6Page - Texas Instruments LM4041CQDBZTG4 Datasheet HTML 7Page - Texas Instruments LM4041CQDBZTG4 Datasheet HTML 8Page - Texas Instruments LM4041CQDBZTG4 Datasheet HTML 9Page - Texas Instruments LM4041CQDBZTG4 Datasheet HTML 10Page - Texas Instruments LM4041CQDBZTG4 Datasheet HTML 11Page - Texas Instruments LM4041CQDBZTG4 Datasheet HTML 12Page - Texas Instruments LM4041CQDBZTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
LM4041xI (Adjustable Version) Electrical Characteristics
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLCS146C – FEBRUARY 2005 – REVISED MAY 2005
full-range T
A = –40°C to 85°C (unless otherwise noted)
LM4041DI
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
VREF
Reference voltage
IZ = 100 µA, VZ = 5 V
25
°C
1.233
V
25
°C
–12
12
Reference voltage tolerance(1)
IZ = 100 µA, VZ = 5 V
mV
Full range
–24
24
25
°C
45
75
IZ,min
Minimum cathode current
µA
Full range
80
25
°C
0.7
2
IZ,min < IZ < 1 mA
Full range
2.5
Reference voltage change
∆V
REF/∆IZ
mV
with cathode current change
25
°C
2
6
1 mA < IZ < 12 mA
Full range
8
25
°C
–1.55
–2
Reference voltage change
∆V
REF/∆VKA
IZ = 1 mA
mV/V
with output voltage change
Full range
–3
25
°C
60
150
IFB
Feedback current
nA
Full range
200
IZ = 10 mA, VZ = 5 V
25
°C
±20
25
°C
±15
Average temperature coefficient
αV
REF
IZ = 1 mA, VZ = 5 V
ppm/
°C
of reference voltage(1)
Full range
±150
IZ = 100 µA, VZ = 5 V
25
°C
±15
IZ = 1 mA, f = 120 Hz,
25
°C
0.3
IAC = 0.1 IZ, VZ = VREF
ZZ
Reverse dynamic impedance
IZ = 1 mA, f = 120 Hz,
25
°C
2
IAC = 0.1 IZ, VZ = 10 V
IZ = 100 µA, VZ = VREF,
eN
Wideband noise
25
°C
20
µV
RMS
10 Hz
≤ f ≤ 10 kHz
t = 1000 h,
Long-term stability
TA = 25°C ± 0.1°C,
25
°C
120
ppm
of reverse breakdown voltage
IZ = 100 µA
(1)
Reference voltage tolerance and average temperature coefficient change with output voltage (VZ). See Typical Characteristics.
9


Número de pieza similar - LM4041CQDBZTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM4041CQDBZTG4 TI-LM4041CQDBZTG4 Datasheet
664Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041CQDBZTG4 TI-LM4041CQDBZTG4 Datasheet
681Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041CQDBZTG4 TI1-LM4041CQDBZTG4 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Descripción similar - LM4041CQDBZTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com