Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KFG2G16D2M-DID5 Datasheet(PDF) 7 Page - Samsung semiconductor |
|
KFG2G16D2M-DID5 Datasheet(HTML) 7 Page - Samsung semiconductor |
7 / 125 page OneNAND1G(KFG1G16Q2M-DEB5) FLASH MEMORY 7 OneNAND2G(KFH2G16Q2M-DEB5) OneNAND4G(KFW4G16Q2M-DEB5) 1.5 Product Features Device Architecture • Design Technology: • Supply Voltage: • Host Interface: • 5KB Internal BufferRAM: • SLC NAND Array: Device Performance • Host Interface Type: • Programmable Burst Read Latency: • Multiple Sector Read/Write: • Multiple Reset Modes: • Multi Block Erase: • Low Power Dissipation: System Hardware • Voltage detector generating internal reset signal from Vcc • Hardware reset input (RP) • Data Protection Modes • User-controlled One Time Programmable(OTP) area • Internal 2bit EDC / 1bit ECC • Internal Bootloader supports Booting Solution in system • Handshaking Feature • Detailed chip information Packaging • 1G products • 2G DDP products • 4G QDP products 90nm 1.8V (1.7V ~ 1.95V) 16 bit 1KB BootRAM, 4KB DataRAM (2K+64)B Page Size, (128K+4K)B Block Size Synchronous Burst Read - Up to 54MHz clock frequency - Linear Burst 4-, 8-, 16-, 32-words with wrap around - Continuous 1K word Sequential Burst Asynchronous Random Read - 76ns access time Asynchronous Random Write Latency 3(up to 40MHz), 4, 5, 6, and 7 Up to 4 sectors using Sector Count Register Cold/Warm/Hot/NAND Flash Core Resets Up to 64 Blocks Typical Power, - Standby current : 10uA @ Single , 20uA @ DDP, 40uA @ QDP - Synchronous Burst Read current(54MHz) : 12mA @ Single, 17mA @ DDP/QDP - Load current : 30mA - Program current : 25mA - Erase current : 20mA - Multi Block Erase current : 20mA - Endurance : 100K Program/Erase Cycles - Data Retention : 10 Years - Write Protection for BootRAM - Write Protection for NAND Flash Array - Write Protection during power-up - Write Protection during power-down - INT pin indicates Ready / Busy - Polling the interrupt register status bit - by ID register 63ball, 10mm x 13mm x max 1.0mmt, 0.8mm ball pitch FBGA 63ball, 11mm x 13mm x max 1.2mmt, 0.8mm ball pitch FBGA 63ball, 11mm x 13mm x max 1.4mmt, 0.8mm ball pitch FBGA |
Número de pieza similar - KFG2G16D2M-DID5 |
|
Descripción similar - KFG2G16D2M-DID5 |